Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38788 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP38788
Description  LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38788 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP38788 Datasheet HTML 4Page - Texas Instruments LP38788 Datasheet HTML 5Page - Texas Instruments LP38788 Datasheet HTML 6Page - Texas Instruments LP38788 Datasheet HTML 7Page - Texas Instruments LP38788 Datasheet HTML 8Page - Texas Instruments LP38788 Datasheet HTML 9Page - Texas Instruments LP38788 Datasheet HTML 10Page - Texas Instruments LP38788 Datasheet HTML 11Page - Texas Instruments LP38788 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EN
GND(CP)
CP
IN(CP)
OUT(FB)
SET
FB
GND
UVLO
Charge Pump
3.5 MHz
Current
Limit
Thermal
Shutdown
VREF
1.200V
IEN
2 PA
6V
LP38788-ADJ
OUT
OUT
IN
IN
Active Ripple
Rejection
200 mV
PMOS
ISET
40 PA
200 mV
LP38788, LP38788-ADJ
SNVS802B – APRIL 2012 – REVISED OCTOBER 2012
www.ti.com
Block Diagram
Application Information
PACKAGE INFORMATION
The LP38788SD-ADJ is available in the 12-Lead LLP (SDA12B) surface mount package that allows for
increased power dissipation compared to the standard PSOP-8 and LLP-8 packages.
EXTERNAL CAPACITORS
Like any low-dropout regulator, the LP38788SD-ADJ requires external capacitors for regulator stability. These
capacitors must be correctly selected for optimum performance.
INPUT CAPACITOR: Minimum recommended input capacitance is 1 µF.
Capacitor tolerance and variations due temperature and applied voltage must be considered when selecting a
capacitor to assure the minimum requirement of input capacitance is met over the intended operating range.
The input capacitor must be located as close as physically possible to the input pin and returned to a clean
analog ground. Any good quality Tantalum capacitor may be used, while a Ceramic capacitor should be X5R or
X7R rated with appropriate adjustments due to the loss of capacitance value from the applied DC voltage.
OUTPUT CAPACITOR: The LP38788 requires an output capacitor whose value is at least 1 µF, however a
minimum output capacitance of 10 µF is strongly recommended. While the LP38788 is designed to work with
Ceramic output capacitors, the output capacitor can be Ceramic, Tantalum, or a combination. Capacitance type,
tolerance, ESR, as well as temperature and voltage characteristics, must be considered when selecting an
output capacitor for the application.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP38788 LP38788-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com