Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38788 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP38788
Description  LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38788 Datasheet(HTML) 3 Page - Texas Instruments

  LP38788 Datasheet HTML 1Page - Texas Instruments LP38788 Datasheet HTML 2Page - Texas Instruments LP38788 Datasheet HTML 3Page - Texas Instruments LP38788 Datasheet HTML 4Page - Texas Instruments LP38788 Datasheet HTML 5Page - Texas Instruments LP38788 Datasheet HTML 6Page - Texas Instruments LP38788 Datasheet HTML 7Page - Texas Instruments LP38788 Datasheet HTML 8Page - Texas Instruments LP38788 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LP38788, LP38788-ADJ
www.ti.com
SNVS802B – APRIL 2012 – REVISED OCTOBER 2012
Absolute Maximum Ratings
(1)
IN
-0.3V to 20V
OUT
-0.3V to VIN + 0.3V
FB, EN
-0.3V to 6.0V
Storage Temperature Range
-65°C to +150°C
Soldering (2)
260°C, 10 sec
ESD Rating (HBM) (3)
2 kV
Power Dissipation (4)
Internally Limited
IOUT (Survival)
Internally Limited
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. Operating Range conditions indicate
the conditions at which the device is functional and the device should not be operated beyond such conditions. For guaranteed
specifications and conditions, see the Electrical Characteristics table.
(2)
Peak Reflow Temperatures for Surface Mount devices are defined in “Absolute Maximum Ratings for Soldering”, Literature Number:
SNOA549C
(3)
The Human Body Model (HBM) is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Applicable standard is JESD-
22-A114-C.
(4)
The value of
θJ−A for the LLP-8 and package is dependent on PCB copper area, copper thickness, the number of copper layers in the
PCB, and the number of thermal vias under the exposed thermal pad (DAP). Exceeding the maximum allowable power dissipation will
cause excessive die temperature, and the regulator will go into thermal shutdown. See LLP THERMAL CONSIDERATIONS in the
Applications Information.
Operating Ratings
(1)
Input Voltage, VIN
VOUT + VDO to 15.0V
Output Voltage, VOUT
4.00V to VIN - VDO
Enable Voltage, VEN
0.0V to 5.0V
Junction Temperature, TJ
-40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. Operating Range conditions indicate
the conditions at which the device is functional and the device should not be operated beyond such conditions. For guaranteed
specifications and conditions, see the Electrical Characteristics table.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38788 LP38788-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com