Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38788 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP38788
Description  LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38788 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP38788 Datasheet HTML 8Page - Texas Instruments LP38788 Datasheet HTML 9Page - Texas Instruments LP38788 Datasheet HTML 10Page - Texas Instruments LP38788 Datasheet HTML 11Page - Texas Instruments LP38788 Datasheet HTML 12Page - Texas Instruments LP38788 Datasheet HTML 13Page - Texas Instruments LP38788 Datasheet HTML 14Page - Texas Instruments LP38788 Datasheet HTML 15Page - Texas Instruments LP38788 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.ti.com
PACKAGE OUTLINE
C
12X
0.3
0.2
3 0.1
2.6 0.1
0.8
0.7
10X 0.5
2X
2.5
12X
0.5
0.3
(0.1) TYP
0.05
0.00
B
4.1
3.9
A
4.1
3.9
WSON - 0.8 mm max height
DNT0012B
PLASTIC SMALL OUTLINE - NO LEAD
4214928/C 10/2021
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
6
7
12
X 0.25)
(45
PIN 1 ID
0.1
C A B
0.05
C
THERMAL PAD
EXPOSED
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com