Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38788 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP38788
Description  LP38788-ADJ High PSRR, Ultra Low Noise, 800mA Linear Voltage Regulator for RF/Analog Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38788 Datasheet(HTML) 2 Page - Texas Instruments

  LP38788 Datasheet HTML 1Page - Texas Instruments LP38788 Datasheet HTML 2Page - Texas Instruments LP38788 Datasheet HTML 3Page - Texas Instruments LP38788 Datasheet HTML 4Page - Texas Instruments LP38788 Datasheet HTML 5Page - Texas Instruments LP38788 Datasheet HTML 6Page - Texas Instruments LP38788 Datasheet HTML 7Page - Texas Instruments LP38788 Datasheet HTML 8Page - Texas Instruments LP38788 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IN
EN
CP
GND(CP)
OUT
SET
FB
GND
OUT
OUT(FB)
IN
IN(CP)
Exposed Pad
on Bottom
(DAP)
1
2
3
4
5
6
7
8
9
10
11
12
LP38788, LP38788-ADJ
SNVS802B – APRIL 2012 – REVISED OCTOBER 2012
www.ti.com
Connection Diagram
Connect LLP DAP to GND
Figure 1. LP38788SD-ADJ (Top View)
12-Lead LLP Package
Pin Functions
Pin Descriptions
Pin
Name
Function
1, 2
IN
Device unregulated input voltage pins. Connect pins together at the package.
3
IN(CP)
Charge pump input voltage pin. Connect directly to pins 1 and 2 at the package.
Charge pump output. See CHARGE PUMP section in the Applications Information for
4
CP
more information.
Enable pin. A Logic high level is required on this pin to enable the LDO output. A Logic
low level will turn the output off and reduce the operating current of the device. See
5
EN
ENABLE INPUT OPERATION section in the Applications Information for more
information.
6
GND
Device charge pump ground pin.
7
GND
Device analog ground pin.
8
FB
Feedback pin for programming the output voltage.
Internally filtered pre-buffered output. A feedback resistor divider network from this pin
9
SET
to FB and GND will set the output voltage of the device.
10
OUT(FB)
OUT buffer feedback pin. Connect directly to pins 11 and 12 at the package.
11, 12
OUT
Device regulated output voltage pins. Connect pins together at the package.
The exposed die attach pad on the bottom of the package should be connected to a
Exposed Pad
DAP
thermal pad at ground potential. See LLP THERMAL CONSIDERATIONS section in
the Applications Information for more information.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LP38788 LP38788-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com