Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC2G15R Datasheet(PDF) 3 Page - STMicroelectronics

Part # STC2G15R
Description  BCMOS VOLTAGE REGULATOR DESIGNED FOR USE WITH VERY LOW ESR AND TANTALUM OUTPUT CAPACITOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC2G15R Datasheet(HTML) 3 Page - STMicroelectronics

  STC2G15R Datasheet HTML 1Page - STMicroelectronics STC2G15R Datasheet HTML 2Page - STMicroelectronics STC2G15R Datasheet HTML 3Page - STMicroelectronics STC2G15R Datasheet HTML 4Page - STMicroelectronics STC2G15R Datasheet HTML 5Page - STMicroelectronics STC2G15R Datasheet HTML 6Page - STMicroelectronics STC2G15R Datasheet HTML 7Page - STMicroelectronics STC2G15R Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STC2G15
3/8
ORDERING CODES
ELECTRICAL CHARACTERISTICS (CI =1µF, CO =1µF (tantalium connected between OUT pin and
GND pin) or CCMP =1µF (ceramic X7R connected between CMP pin and GND pin) (unless otherwise
specified)
Note 1:Time for the output Voltage to rise from 50% to 85% of nominal value.
Note 2: Time for the output Voltage to fall from 85% to 50 of nominal value.
Note 3: Regulator must be able to sustain Regulated Output Voltage without load.
Note 4: Parameters are uncritical as long as the output voltage stays within limits.
Note 5: A sudden voltage rise/drop of 500mV mustn't bring the output Voltage out of limits.
Note 6: Ceramic Capacitors can be used if connected between CMP pin and GNG, instead of VOUT pin and GND.
Note 8: Maximum and minimum values are guaranteed in full temperature range.
Note 9: Line transient is tested when the input voltage changes from 2.7 to 3.2V in 10µs in full load range.
Note 10: Line transient is tested when the input voltage changes from 3.2 to 2.7V in 10µs in full load range.
Note 11: Load transient is tested when the load changes from 0.1 to 15mA in 10µs in all the input range
Note 13: Response time is defined as the time form the load line step until the output reaches a value within specification (1.41V, 1.59V).
Note 14: The maximum power dissipation for the operation depends on the ambient temperature.
For TJ =95°C, TA=85°C and RTJA=220°C/W the maximum power can be 0.045W. The maximum power dissipation for operation can be
increased by 4.5mW each degree below TA=85°C, and it must be derated by 4.5mW for each degree above 85°C
TYPE
TSOT23-5L
OUTPUT VOLTAGES
STC2G15
STC2G15R
1.5V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Input Voltage
2.7
5.2
V
VO
Output Voltage
VI = 2.7 to 5.2V
IO = 0 to 15mA
TJ= -40 to 95°C
1.41
1.5
1.59
V
tRU
Output Voltage Ramp-Up
Time (Note 1)
IO = 0 to 15mA
10
15
µs
tRD
Output Voltage Ramp-Down
Time (Note 2)
IO = 0 to 15mA
10
15
µs
IO
Current Capability
15
mA
Imin
Minimum Load Current
(Note 3)
0mA
Load Regulation (Note 4)
350
µV/mA
Temperature Drift (Note 4)
100
µV/K
SVR
Supply Voltage Rejection
(Note 5)
f = 1KHz
30
dB
Id
Quiescent Current (ON
mode)
IO =0
30
µA
IO =0
VI = 2.7 to 5.2V
60
µA
Id
Quiescent Current (OFF
mode)
24
µA
ISHDN
Shutdown Pin Current
2
4
µA
VSHDN Shutdown Logic Enable
Low
0.4
V
VSHDN Shutdown Logic Disabled
High
1.15
V
Line Transient Response
Time (Notes 9, 13)
40
µs
Load Transient Response
Time (Notes 10, 13)
50
µs
Line Transient Response
Peak + (Notes 9)
80
mV
Line Transient Response
Peak - (Notes 10)
60
mV
Load Transient Response
Peak (Notes 11)
50
mV
eN
Output Noise Voltage
B= 1kHz to 1MHz
CO =1µF10
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com