Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC2G15R Datasheet (PDF) - STMicroelectronics

STC2G15R Datasheet PDF - STMicroelectronics
Part # STC2G15R
Download  STC2G15R Download
File Size   234.93 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BCMOS VOLTAGE REGULATOR DESIGNED FOR USE WITH VERY LOW ESR AND TANTALUM OUTPUT CAPACITOR

STC2G15R Datasheet (PDF)

Go To PDF Page Download Datasheet
STC2G15R Datasheet PDF - STMicroelectronics

Part # STC2G15R
Download  STC2G15R Click to download

File Size   234.93 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BCMOS VOLTAGE REGULATOR DESIGNED FOR USE WITH VERY LOW ESR AND TANTALUM OUTPUT CAPACITOR

STC2G15R Datasheet (HTML) - STMicroelectronics


STC2G15R Product details

DESCRIPTION
The STC2G15 provides up to 15mA, from 2.5V to 6V input voltage. The low quiescent current makes it suitable for low power applications and in battery powered systems.
Shutdown Logic Control function is available, this means that when the device is used as local regulator, it is possible to put a part of the board in standby, decreasing the total power consumption. The STC2G15 is designed to work with low ESR ceramic and tantalum capacitors. Typical applications are in mobile phone, blue-tooth module and similar battery powered wireless systems.

■ INPUT VOLTAGE FROM 2.7V TO 5.02V
■ STABLE WITH LOW ESR CERAMIC AND TANTALUM CAPACITORS
■ VERY LOW QUIESCENT CURRENT (30µA TYP. AT NO LOAD; 2µA IN OFF MODE)
■ GUARANTEED OUTPUT CURRENT UP TO 15mA
■ OUTPUT VOLTAGE: 1.5V
■ LOGIC-CONTROLLED ELECTRONIC SHUTDOWN
■ INTERNAL CURRENT LIMIT
■ JUNCTION TEMPERATURE RANGE: -40°C TO 95°C




Similar Part No. - STC2G15R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STC2.2-10C1 VISHAY-STC2.2-10C1 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
STC2.2-15N1 VISHAY-STC2.2-15N1 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
STC2.2-25C2 VISHAY-STC2.2-25C2 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
STC2.2-25N2 VISHAY-STC2.2-25N2 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
STC2.2-2C0 VISHAY-STC2.2-2C0 Datasheet
363Kb / 7P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
10-Dec-07
More results


Similar Description - STC2G15R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2992 NSC-LP2992 Datasheet
598Kb / 15P
Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
LP2983 NSC-LP2983 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
LDS3985 STMICROELECTRONICS-LDS3985 Datasheet
337Kb / 13P
ULTRA LOW DROP-LOW NOISE BICMOS 300mA V.REG. FOR USE WITH VERY LOW ESR OUTPUT CAPACITOR
Dec-2004
logo
National Semiconductor ...
LP2989LV NSC-LP2989LV Datasheet
685Kb / 11P
Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
STMicroelectronics
LDS3985XX STMICROELECTRONICS-LDS3985XX Datasheet
462Kb / 20P
Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
29-Jul-2010
logo
Texas Instruments
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2983 TI-LP2983_15 Datasheet
964Kb / 18P
LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages ??1.2V Designed for Use with Very Low ESR Output Capacitors
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com