Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSR036CT Datasheet(PDF) 1 Page - NICHIA CORPORATION

Part # NFSR036CT
Description  TYPE RED LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSR036CT Datasheet(HTML) 1 Page - NICHIA CORPORATION

  NFSR036CT Datasheet HTML 1Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 2Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 3Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 4Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 5Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 6Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 7Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 8Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
-0-
No. STSE-CC6046A
<Cat.No.060421>
SPECIFICATIONS FOR NICHIA CHIP TYPE RED LED
MODEL :
NFSR036CT
NICHIA CORPORATION


Similar Part No. - NFSR036CT

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NFS-100A-0110BF YAMAICHI-NFS-100A-0110BF Datasheet
47Kb / 1P
IDC Type Socket (1.27mm Pitch)
NFS-10A-0110BF YAMAICHI-NFS-10A-0110BF Datasheet
47Kb / 1P
IDC Type Socket (1.27mm Pitch)
NFS-16A-0110BF YAMAICHI-NFS-16A-0110BF Datasheet
47Kb / 1P
IDC Type Socket (1.27mm Pitch)
NFS-20A-0110BF YAMAICHI-NFS-20A-0110BF Datasheet
47Kb / 1P
IDC Type Socket (1.27mm Pitch)
NFS-26A-0110BF YAMAICHI-NFS-26A-0110BF Datasheet
47Kb / 1P
IDC Type Socket (1.27mm Pitch)
More results

Similar Description - NFSR036CT

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SLP-9130C-81 SANYO-SLP-9130C-81 Datasheet
23Kb / 4P
첩5mm red contact type LED lamp
SLP-9131C-81 SANYO-SLP-9131C-81 Datasheet
23Kb / 4P
첩5mm red contact type LED lamp
logo
NICHIA CORPORATION
NSSR007AT NICHIA-NSSR007AT Datasheet
587Kb / 13P
TYPE RED LED
NSSR064T NICHIA-NSSR064T Datasheet
603Kb / 14P
TYPE RED LED
NSSR100BT NICHIA-NSSR100BT Datasheet
536Kb / 13P
TYPE RED LED
NESR505DT NICHIA-NESR505DT Datasheet
485Kb / 14P
TYPE RED LED
NSSR426CT NICHIA-NSSR426CT Datasheet
536Kb / 13P
TYPE RED LED
NS6R083T NICHIA-NS6R083T Datasheet
382Kb / 14P
TYPE RED LED
NSCR426BT NICHIA-NSCR426BT Datasheet
281Kb / 13P
TYPE RED LED
logo
LIGITEK electronics co....
L3URF9Q53S LIGITEK-L3URF9Q53S Datasheet
122Kb / 8P
PLCC TYPE RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com