Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFSR036CT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NFSR036CT
Description  TYPE RED LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSR036CT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NFSR036CT Datasheet HTML 1Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 2Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 3Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 4Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 5Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 6Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 7Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 8Page - NICHIA CORPORATION NFSR036CT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
-1-
Nichia STSE-CC6046A
<Cat.No.060421>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ts=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
150
mA
Pulse Forward Current
IFP
480
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
405
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Dice Temperature
Tj
120
°C
Soldering Temperature
Tsld
Reflow Soldering : 260°C
for 10sec.
Hand Soldering : 350°C
for 3sec.
IFP Conditions : Pulse Width
10msec. and Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ts=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=120[mA]
(2.2)
2.7
V
Luminous Flux
φv
IF=120[mA]
(8)
-
lm
Luminous Intensity
Iv
IF=120[mA]
(2.9)
-
cd
x
-
IF=120[mA]
0.7
-
-
Chromaticity Coordinate
y
-
IF=120[mA]
0.299
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ts=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank P5
10.7
12.7
Rank P4
9.0
10.7
Rank P3
7.6
9.0
Rank P2
6.4
7.6
Luminous Flux
Rank P1
φv
IF=120[mA]
5.4
6.4
lm
Luminous Flux Measurement allowance is ± 7%.
Color Rank
(IF=120mA,Ts=25°C)
Rank R
x
0.674
0.648
0.677
0.708
y
0.296
0.323
0.323
0.292
Color Coordinates Measurement allowance is ± 0.01.
One delivery will include up to one color rank and five luminous flux ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com