Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3088AM Datasheet(PDF) 21 Page - International Rectifier

Part # IR3088AM
Description  XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3088AM Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3088AM Datasheet HTML 17Page - International Rectifier IR3088AM Datasheet HTML 18Page - International Rectifier IR3088AM Datasheet HTML 19Page - International Rectifier IR3088AM Datasheet HTML 20Page - International Rectifier IR3088AM Datasheet HTML 21Page - International Rectifier IR3088AM Datasheet HTML 22Page - International Rectifier IR3088AM Datasheet HTML 23Page - International Rectifier IR3088AM Datasheet HTML 24Page - International Rectifier IR3088AM Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
IR3088A
DESIGN EXAMPLE 1 - VRM 10 2U CONVERTER
SPECIFICATIONS
Input Voltage: VI=12 V
DAC Voltage: VDAC=1.35 V
No Load Output Voltage Offset: VO_NLOFST=20 mV
Output Current: IO=105 ADC
Maximum Output Current: IOMAX=120 ADC
Output Impedance: RO=0.91 mΩ
VCC Ready to VCC Power Good Delay: tVccPG=0-10mS
Soft Start Time: tSS=2 mS
Over Current Delay: tOCDEL=0.5mS
Dynamic VID Down-Slope Slew Rate: SRDOWN=2.5mV/uS
Over Temperature Threshold: TPCB=115 ºC
POWER STAGE
Phase Number: n=6
Switching Frequency: fSW=400 kHz
Output Inductors: L=220 nH, RL=0.47 mΩ
Output Capacitors: AL-Polymer, C=560uF, RC= 7mΩ, Number Cn=10
IR3081A EXTERNAL COMPONENTS
Oscillator Resistor Rosc
Once the switching frequency is chosen, ROSC can be determined from the curve in Figure 13 of IR3081A Data
Sheet. For switching frequency of 400kHz per phase, choose ROSC=30.1kΩ
Soft Start Capacitor CSS/DEL
Determine the soft start capacitor from the required soft start time.
uF
V
t
I
C
O
SS
CHG
DEL
SS
1
.
0
10
*
20
35
.
1
10
*
2
10
*
70
3
3
6
/
=
−
∗
=
∗
=
−
−
−
The soft start delay time is
mS
I
C
t
CHG
DEL
SS
SSDEL
86
.
1
10
*
70
3
.
1
10
*
1
.
0
3
.
1
6
6
/
=
∗
=
∗
=
−
−
The power good delay time is
ms
I
V
C
t
CHG
O
DEL
SS
VccPG
58
.
1
10
*
70
)
3
.
1
33
.
1
735
.
3
(
*
10
*
1
.
0
)
3
.
1
735
.
3
(
*
6
6
/
=
−
−
=
−
−
=
−
−
Over current delay time is
ms
I
C
t
OCDISCHG
DEL
SS
OCDEL
29
.
0
10
*
40
115
.
0
*
10
*
1
.
0
115
.
0
*
6
6
/
=
=
=
−
−
Page 21 of 33
1/15/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com