Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3088AM Datasheet(PDF) 13 Page - International Rectifier

Part # IR3088AM
Description  XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3088AM Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3088AM Datasheet HTML 9Page - International Rectifier IR3088AM Datasheet HTML 10Page - International Rectifier IR3088AM Datasheet HTML 11Page - International Rectifier IR3088AM Datasheet HTML 12Page - International Rectifier IR3088AM Datasheet HTML 13Page - International Rectifier IR3088AM Datasheet HTML 14Page - International Rectifier IR3088AM Datasheet HTML 15Page - International Rectifier IR3088AM Datasheet HTML 16Page - International Rectifier IR3088AM Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
IR3088A
VGATE
CBST
DBST
RCS-
CCP1
CIN
0.1uF
CVCC
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088A
PHASE
IC
L
20k
RBIASIN
RPWMRMP
20k
RBIASIN
CDRP
CCS+
CFB
20k
RBIASIN
RFB1
CSCOMP
RPWMRMP
CVCCL
CVDAC
CBST
RCS+
CVCCL
DBST
RFB
ROCSET
CVCC
CIN
CCP
CIN
CCS-
CVCC
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088A
PHASE
IC
CIN
RDRP1
RCS-
CBST
CBST
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088A
PHASE
IC
RCS-
DBST
DBST
CVCC
L
0.1uF
CVCCL
RSHARE
RCS+
CCS+
DBST
CVCC
CVCCL
CVCCL
CVCC
RCP
L
DGATE
20k
RBIASIN
RGATE
RPWMRMP
CBST
CCS+
ROSC
CCS+
RBBDRP
RPWMRMP
RBBFB
L
20k
RBIASIN
CCS+
L
CCS-
RVCC
RVCC
CSCOMP
RVCC
RVCC
RVDAC
RPWMRMP
RCS-
RDRP
CCS-
CSCOMP
CCS-
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088A
PHASE
IC
RPWMRMP
CIN
CSCOMP
RCS-
DBST
RCS-
10 ohm
RVCC
20k
RBIASIN
CVCCL
CCS+
RCS+
CSCOMP
CCS-
L
RVCC
RCS+
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088A
PHASE
IC
OSCDS
1
VID5
2
VID0
3
VID1
4
VID2
5
VID3
6
VID4
7
VBIAS
21
BBFB
20
EAOUT
19
FB
18
VDRP
17
IIN
16
OCSET
15
IR3081A
CONTROL
IC
RMPIN+
1
RMPIN-
2
GATEH
14
VCCH
15
HOTSET
3
VRHOT
4
PGND
13
GATEL
12
ISHARE
5
VCCL
11
IR3088A
PHASE
IC
CBST
CCS-
RCS+
CSCOMP
RVCC
CIN
RCS+
QGATE
CVCC
VRHOT
POWERGOOD
VOUT+
PHASE FAULT
VOUT SENSE-
VOUT SENSE+
VID4
VOUT-
12V
VID3
VID5
ENABLE
VID0
VID1
VID2
COUT
DISTRIBUTION
IMPEDANCE
Figure 8. 6 Phase IR3081A/3088A VRM/EVRD10 Converter
Page 13 of 33
1/15/05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com