Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGPLR70ASS Datasheet(PDF) 1 Page - NICHIA CORPORATION

Part # NGPLR70ASS
Description  WARM WHITE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NGPLR70ASS Datasheet(HTML) 1 Page - NICHIA CORPORATION

  NGPLR70ASS Datasheet HTML 1Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 2Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 3Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 4Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 5Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 6Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 7Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 8Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
-0-
No. STSE-CW7111A
<Cat.No.070626>
SPECIFICATIONS FOR NICHIA WARM WHITE
LED
MODEL :
NGPLR70ASS
NICHIA CORPORATION


Similar Part No. - NGPLR70ASS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGP15N41ACL ONSEMI-NGP15N41ACL Datasheet
147Kb / 11P
Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
logo
Littelfuse
NGP15N41ACL LITTELFUSE-NGP15N41ACL Datasheet
282Kb / 11P
Gate?묮mitter ESD Protection
logo
ON Semiconductor
NGP15N41ACLG ONSEMI-NGP15N41ACLG Datasheet
147Kb / 11P
Ignition IGBT 15 A, 410 V N.Channel DPAK, D2PAK and TO.220
December, 2011 ??Rev. 8
NGP15N41CL ONSEMI-NGP15N41CL Datasheet
94Kb / 12P
Ignition IGBT 15 Amps, 410 Volts
March, 2004 ??Rev. 5
NGP15N41CL ONSEMI-NGP15N41CL Datasheet
167Kb / 11P
Ignition IGBT 15 Amps, 410 Volts
May, 2006 ??Rev. 7
More results

Similar Description - NGPLR70ASS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESL064AT NICHIA-NESL064AT Datasheet
521Kb / 15P
WARM WHITE LED
NFSL036CT-H1 NICHIA-NFSL036CT-H1 Datasheet
522Kb / 15P
WARM WHITE LED
NFSL036LT NICHIA-NFSL036LT Datasheet
304Kb / 14P
WARM WHITE LED
NSPL500DS NICHIA-NSPL500DS Datasheet
486Kb / 13P
WARM WHITE LED
NSPL510DS NICHIA-NSPL510DS Datasheet
475Kb / 13P
WARM WHITE LED
NSPL510S NICHIA-NSPL510S Datasheet
417Kb / 15P
WARM WHITE LED
NSPL515S NICHIA-NSPL515S Datasheet
333Kb / 15P
WARM WHITE LED
NSPLR70ASS NICHIA-NSPLR70ASS Datasheet
409Kb / 13P
WARM WHITE LED
logo
Marl International Limi...
NSPL500DS MARL-NSPL500DS Datasheet
494Kb / 14P
WARM WHITE LED
NSPL515DS MARL-NSPL515DS Datasheet
500Kb / 15P
WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com