Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGPLR70ASS Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NGPLR70ASS
Description  WARM WHITE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NGPLR70ASS Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NGPLR70ASS Datasheet HTML 5Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 6Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 7Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 8Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 9Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 10Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 11Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 12Page - NICHIA CORPORATION NGPLR70ASS Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ITEM
MATERIALS
RESIN
Epoxy Resin
(over Diffused + Phosphor)
LEAD FRAME
Ag Plating
Copper Alloy
Please note that the bare copper alloy showing at the cut end
of the lead frame may be corroded under certain conditions.
LEDs have some sharp edges and points, particularly lead
frames.
Please handle with care so as to avoid injuries.
NGPLR70AS has a protection device built in as a protection
circuit against static electricity.
Stopper
0.5
(5
°)
5.08 ± 0.3
0.4 ± 0.1
7.5 ± 0.5
4.4
0.5
7.62 ± 0.5
φ 3
(C 1.25) 1 Pin Mark
32
41
R 0.69
Protection device
Internal Circuit
3
2
A
A
1
K
4
K
Unit
mm
Allow
NICHIA CORPORATION
No.
OUTLINE DIMENSIONS
070618767011
Title
Model
NGPLR70AS
±0.2
Scale
5/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com