Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHSG017HT Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NHSG017HT
Description  TYPE GREEN LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NHSG017HT Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NHSG017HT Datasheet HTML 5Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 6Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 7Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 8Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 9Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 10Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 11Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 12Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
030
60
90
120
-60 -30
1mA(527nm)
5mA(525nm)
10mA(523nm)
30mA(519nm)
400 450 500 550
650 700
600
0.12 0.14 0.16 0.18 0.20 0.22
0.74
0.72
0.70
0.68
0.66
0.64
531
527
525
519
529
523
521
531
529
523
517
525
521
519
527
Directivity
Radiation Angle
0°
10° 20°
30°
40°
50°
60°
70°
80°
90°
1.0
0.5
0
Spectrum
Forward Current vs.
Chromaticity Coordinate (λD)
Ambient Temperature vs.
Dominant Wavelength
Forward Current vs.
Dominant Wavelength
Forward Current IFP (mA)
Ambient Temperature Ta (°C)
x
x
Wavelength
λ (nm)
1
5
10
30
100
50
1.2
1.0
0.8
0.4
0.2
0
0.6
Ta=25°C
Ta=25°C
IF=5mA
IFP=5mA
0°
30°
0.5
90°
60°
1.0
Ta=25°C
Ta=25°C
IFP=5mA
CHARACTERISTICS
Model
NHSG017H
NICHIA CORPORATION Title
No.
060927656791



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com