Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHSG017HT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NHSG017HT
Description  TYPE GREEN LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NHSG017HT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NHSG017HT Datasheet HTML 1Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 2Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 3Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 4Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 5Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 6Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 7Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 8Page - NICHIA CORPORATION NHSG017HT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
-1-
Nichia
STSE-CC6120A
<Cat.No.061023>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
10
mA
Pulse Forward Current
IFP
30
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
36
mW
Operating Temperature
Topr
-40 ~ +100
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
Dip Soldering
:
260°C
for 10sec.
Hand Soldering
:
350°C
for 3sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=5[mA]
(3.1)
3.6
V
Luminous Intensity
Iv
IF=5[mA]
(115)
-
mcd
x
-
IF=5[mA]
0.17
-
-
Chromaticity Coordinate
y
-
IF=5[mA]
0.70
-
-
Please refer to CIE 1931 chromaticity diagram.
(3) Ranking
(Ta=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank R
Iv
IF=5[mA]
140
195
mcd
Rank Q
Iv
IF=5[mA]
98
140
mcd
Luminous Intensity
Rank P
Iv
IF=5[mA]
70
98
mcd
Luminous Intensity Measurement allowance is ± 10%.
Color Ranks
(IF=5mA,Ta=25°C)
Rank G
Rank H
x
0.14
0.14
0.22
0.22
x
0.21
0.21
0.28
0.28
y
0.64
0.74
0.74
0.64
y
0.65
0.73
0.73
0.65
Color Coordinates Measurement allowance is ± 0.01.
One delivery will include up to two color ranks and three luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com