Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ2822MCS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PJ2822MCS
Description  Dual Low-Voltage Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PJ2822MCS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PJ2822MCS Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PJ2822M
Dual Low-Voltage Power Amplifier
2-8
2002/01.ver.A
Paramete
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
STEREO(test circuit of Figure 1)
Suppy Voltage
Vs
1.8
15
V
Quiescent Ouput Voltage
Vo
Vs = 3V
2.7
1.2
V
V
Quiescent Drain Current
Id
6
9
mA
Input Bias Current
Ib
100
nA
Outut Power (each channel)
(f =1KHz, d =10%)
Po
RL = 32Ω
Vs = 9V
Vs = 6V
Vs = 4.5V
Vs = 3V
Vs = 2V
RL = 16Ω
Vs = 6V
RL = 8Ω
Vs = 9V
Vs = 6V
RL = 4Ω
Vs = 6V
Vs = 4.5V
Vs = 3V
90
15
170
300
450
300
120
60
20
5
220
1000
380
650
320
110
mW
Distortion (f =1KHz)
d
RL = 32Ω
Po = 40mW
RL = 16Ω
Po = 75mW
RL = 8Ω
Po = 150mW
0.2
0.2
0.2
%
%
%
Close Loop Voltage Gain
Gv
F =1KHz
36
39
41
dB
Channel Balance
△
Gv
±1
dB
Input Resistance
Ri
F =1KHz
100
KΩ
Total Input Noise
θN
Rs = 10KΩ B = Curve A
B =22Hz to 22KHz
2
2.5
μ
V
μ
V
Supply Voltage Rejection
SVR
F =100Hz, C1 = C2 = 100μF
24
30
dB
Channel Separation
Cs
F =1KHz
50
dB
BRIDGE(test circuit of Figure 2)
Supply Voltage
Vs
1.8
15
V
Quiescent Drain Current
Id
RL = ∞
6
9
mA
Output Offset Voltage
(between the outputs)
Vos
RL = 8Ω
+/-50
mV
Input Bias Current
Ib
100
nA
Output Bias Current
Po
RL = 32Ω
Vs = 9V
Vs = 6V
Vs = 4.5V
Vs = 3V
Vs = 2V
RL = 16Ω
Vs = 9V
Vs = 6V
Vs = 3V
RL = 8Ω
Vs = 6V
Vs = 4.5V
Vs = 3V
RL = 4Ω
Vs = 4.5V
Vs = 3V
Vs = 2V
320
50
900
200
1000
400
200
65
8
2000
800
120
1350
700
220
1000
350
80
mW
Output Power (f=1KHz,d=10%)
d
Po =0.5W, RL = 8Ω, f =1KHz
0.2
%
Closed Loop Voltage Gain
Gv
F =1KHz
39
dB
Input Resistance
Ri
F =1KHz
100
KΩ
Total Input Noise
eN
Rs =10KΩ
B =Curve A
B = 22Hz to 22KHz
2.5
3
μ
V
μ
V
Supply Voltage Rejection
SVR
F =100Hz
40
dB
Power Bandwidth (-3dB)
B
RL = 8Ω, Po =1W
120
KHz
ELECTRICAL CHARACTERISTICS
(Vs=6V,Tamb=25℃, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com