Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ2822MCS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PJ2822MCS
Description  Dual Low-Voltage Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PJ2822MCS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PJ2822MCS Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ2822MCS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PJ2822M
Dual Low-Voltage Power Amplifier
1-8
2002/01.ver.A
he PJ2822M is a monolithic integrated circuit in 8 lead
Minidip package.It is intended for use as dual audio
power amplifier in portable cassette player and radios.
Supply Voltage Down to 1.8V
Low Crossover Distorsion
Low Quiescent Current
Bridge or Stereo Configuration
Parameter
Symbol
Value
Unite
Supply Voltage
Vs
16
V
Peak Output Current
Io
1
A
Total Power Dissipation at Tamb = 50℃
Tcase = 50℃
Ptot
1
1.4
W
W
Storage and Junction Temperature
Tstg,Tj
-40 ~ +150
℃
Parameter
Symbol
Value
Unite
Thermal Resistance Junction-ambient
Max.
Rthj-amb
100
℃
/W
Thermal Resistance Junction-pin(4)
Max.
Rthj-case
70
℃
/W
T
Device
Operating Temperature
Package
PJ2822MCD
DIP-8
PJ2822MCS
-20℃ ~ +85℃
SOP-8
FEATURES
DIP-8
SOP-8
THERMAL DATA
ABSOLUTE MAXIMUM RATINGS
ORDERING INFORMATION
SCHEMATIC DIAGRAM
Pin : 1.Compensation
5.Gnd
2.Voltage Feedbacl 6.Output
3.Current Sense
7.Vcc
4.RT/CT
8.Vref


Similar Part No. - PJ2822MCS

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PJ20168 HAMMOND-PJ20168 Datasheet
160Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ20168H HAMMOND-PJ20168H Datasheet
169Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ20168HW HAMMOND-PJ20168HW Datasheet
171Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ20168HW HAMMOND-PJ20168HW Datasheet
143Kb / 3P
Boite de jonction en polyester de type 4X avec regard
PJ20168L HAMMOND-PJ20168L Datasheet
216Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - PJ2822MCS

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2076 NJRC-NJM2076 Datasheet
250Kb / 8P
DUAL LOW VOLTAGE POWER AMPLIFIER?
logo
Anpec Electronics Corop...
APA2822 ANPEC-APA2822 Datasheet
91Kb / 9P
Dual Low-Voltage Power Amplifier
logo
Unisonic Technologies
TDA2822H UTC-TDA2822H Datasheet
82Kb / 3P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
First Components Intern...
TDA2822M FCI-TDA2822M Datasheet
409Kb / 9P
DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
NJM2076 TGS-NJM2076 Datasheet
252Kb / 6P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Unisonic Technologies
M2073 UTC-M2073 Datasheet
248Kb / 9P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
New Japan Radio
NJM2073M-TE2 NJRC-NJM2073M-TE2 Datasheet
283Kb / 11P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Unisonic Technologies
TDA2822 UTC-TDA2822_15 Datasheet
145Kb / 6P
DUAL LOW VOLTAGE POWER AMPLIFIER
TDA2822H UTC-TDA2822H_15 Datasheet
174Kb / 5P
DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC2822H YOUWANG-UTC2822H Datasheet
93Kb / 5P
DUAL LOW VOLTAGE POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com