Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSB064 Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NSSB064
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSB064 Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NSSB064 Datasheet HTML 1Page - NICHIA CORPORATION NSSB064 Datasheet HTML 2Page - NICHIA CORPORATION NSSB064 Datasheet HTML 3Page - NICHIA CORPORATION NSSB064 Datasheet HTML 4Page - NICHIA CORPORATION NSSB064 Datasheet HTML 5Page - NICHIA CORPORATION NSSB064 Datasheet HTML 6Page - NICHIA CORPORATION NSSB064 Datasheet HTML 7Page - NICHIA CORPORATION NSSB064 Datasheet HTML 8Page - NICHIA CORPORATION NSSB064 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
-4-
7.CAUTIONS
(1) Moisture Proof Package
· When moisture is absorbed into the SMT package it may vaporize and expand during soldering.
There is a possibility that this can cause exfoliation of the contacts and damage to the optical
characteristics of the LEDs.
For this reason, the moisture proof package is used to keep moisture
to a minimum in the package.
· The moisture proof package is made of an aluminum moisture proof bag.
A package of
a moisture absorbent material (silica gel) is inserted into the aluminum moisture proof bag.
The silica gel changes its color from blue to pink as it absorbs moisture.
(2) Storage
· Storage Conditions
Before opening the package :
The LEDs should be kept at 30°C or less and 90%RH or less. The LEDs should be used within a
year.
When storing the LEDs, moisture proof packaging with absorbent material (silica gel)
is recommended.
After opening the package :
The LEDs should be kept at 30°C or less and 70%RH or less.
The LEDs should be soldered
within 168 hours (7days) after opening the package.
If unused LEDs remain, they should be
stored in moisture proof packages, such as sealed containers with packages of moisture absorbent
material (silica gel). It is also recommended to return the LEDs to the original moisture proof bag
and to reseal the moisture proof bag again.
· If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage
time, baking treatment should be performed using the following conditions.
Baking treatment : more than 24 hours at 65 ± 5°C
· This product has silver plated metal parts that are inside and/or outside the package body.
The silver
plating becomes tarnished when being exposed to an environment which contains corrosive gases.
Any LED with tarnished leads may lead to poor solderability and deterioration of optical characteristics.
Please do not expose the LEDs to corrosive atmosphere during storage.
· After assembly and during use, silver plating can be affected by the corrosive gases emitted by
components and materials in close proximity of the LEDs within an end product, and the gases entering
into the product from the external atmosphere. The above should be taken into consideration when
designing.
Resin materials, in particular, may contain substances which affects on silver plating,
such as halogen.
· Please avoid rapid transitions in ambient temperature, especially in high humidity environments where
condensation can occur.
Nichia STS-DA1-0226
<Cat.No.080519>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com