Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSB064 Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSSB064
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSB064 Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSSB064 Datasheet HTML 1Page - NICHIA CORPORATION NSSB064 Datasheet HTML 2Page - NICHIA CORPORATION NSSB064 Datasheet HTML 3Page - NICHIA CORPORATION NSSB064 Datasheet HTML 4Page - NICHIA CORPORATION NSSB064 Datasheet HTML 5Page - NICHIA CORPORATION NSSB064 Datasheet HTML 6Page - NICHIA CORPORATION NSSB064 Datasheet HTML 7Page - NICHIA CORPORATION NSSB064 Datasheet HTML 8Page - NICHIA CORPORATION NSSB064 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
-1-
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
35
mA
Pulse Forward Current
IFP
100
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
133
mW
Operating Temperature
Topr
-40 ~ +110
°C
Storage Temperature
Tstg
-40 ~ +110
°C
Dice Temperature
Tj
125
°C
Soldering Temperature
Tsld
Reflow Soldering : 260°C
for 10sec.
Hand Soldering : 350°C
for 3sec.
IFP Conditions : Pulse Width ≤ 10msec. and Duty ≤ 1/10
(2) Thermal Characteristics
(Ta=25°C)
Item
Symbol
Typ.
Unit
Rja
300
°C/W
Heat resistance
Rjs
120
°C/W
Rja = Heat resistance from Dice to Ambient temperature (Ta)
Rjs = Heat resistance from Dice to Solder temperature of Cathode Side (Ts)
Using Nichia standard circuit board FR4, t=1.6mm, Copper foil, t=35µm
(3) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Typ.
Max.
Unit
Forward Voltage
VF
IF=30[mA]
(3.4)
3.8
V
Luminous Intensity
Iv
IF=30[mA]
(600)
-
mcd
Luminous Intensity
Iv
IF=20[mA]
(440)
-
mcd
x
-
IF=30[mA]
0.133
-
-
Chromaticity Coordinate
y
-
IF=30[mA]
0.075
-
-
Please refer to CIE 1931 chromaticity diagram.
(4) Ranking
(Ta=25°C)
Item
Symbol
Condition
Min.
Max.
Unit
Rank X
Iv
IF=30[mA]
600
852
mcd
Rank W
Iv
IF=30[mA]
426
600
mcd
Luminous Intensity
Rank V
Iv
IF=30[mA]
300
426
mcd
Luminous Intensity Measurement allowance is ± 10%.
Nichia STS-DA1-0226
<Cat.No.080519>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com