Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXS0101DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0101DBVT
Description  1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0101DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TXS0101DBVT Datasheet HTML 3Page - Texas Instruments TXS0101DBVT Datasheet HTML 4Page - Texas Instruments TXS0101DBVT Datasheet HTML 5Page - Texas Instruments TXS0101DBVT Datasheet HTML 6Page - Texas Instruments TXS0101DBVT Datasheet HTML 7Page - Texas Instruments TXS0101DBVT Datasheet HTML 8Page - Texas Instruments TXS0101DBVT Datasheet HTML 9Page - Texas Instruments TXS0101DBVT Datasheet HTML 10Page - Texas Instruments TXS0101DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SWITCHING CHARACTERISTICS
TXS0101
www.ti.com ...................................................................................................................................................... SCES638A – OCTOBER 2007 – REVISED MAY 2008
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (unless otherwise noted)
VCCB = 2.5 V VCCB = 3.3 V
VCCB = 5 V
FROM
TO
TEST
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
MIN
MAX
MIN
MAX
MIN MAX
Push-pull driving
3.2
3.7
3.8
tPHL
Open-drain driving
1.7
6.3
2
6
2.1
5.8
A
B
ns
Push-pull driving
3.5
4.1
4.4
tPLH
Open-drain driving
43
250
36
206
27
190
Push-pull driving
3
3.6
4.3
tPHL
Open-drain driving
1.8
4.7
1.6
4.2
1.2
4
B
A
ns
Push-pull driving
2.5
1.6
1
tPLH
Open-drain driving
44
170
37
140
27
103
ten
OE
A or B
200
200
200
ns
tdis
OE
A or B
50
40
35
ns
Push-pull driving
2.8
7.4
2.1
6.6
0.9
5.6
trA
A-port rise time
ns
Open-drain driving
34
149
28
121
24
89
Push-pull driving
1.3
8.3
0.9
7.2
0.4
6.1
trB
B-port rise time
ns
Open-drain driving
35
151
24
112
12
81
Push-pull driving
1.9
5.7
1.4
5.5
0.8
5.3
tfA
A-port fall time
ns
Open-drain driving
4.4
6.9
4.3
6.2
4.2
5.8
Push-pull driving
2.2
7.8
2.4
6.7
2.6
6.6
tfB
B-port fall time
ns
Open-drain driving
5.1
8.8
5.4
9.4
5.4
10.4
Push-pull driving
20
22
24
Max data rate
Mbps
Open-drain driving
2
2
2
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TXS0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com