Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXS0101DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0101DBVT
Description  1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0101DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TXS0101DBVT Datasheet HTML 1Page - Texas Instruments TXS0101DBVT Datasheet HTML 2Page - Texas Instruments TXS0101DBVT Datasheet HTML 3Page - Texas Instruments TXS0101DBVT Datasheet HTML 4Page - Texas Instruments TXS0101DBVT Datasheet HTML 5Page - Texas Instruments TXS0101DBVT Datasheet HTML 6Page - Texas Instruments TXS0101DBVT Datasheet HTML 7Page - Texas Instruments TXS0101DBVT Datasheet HTML 8Page - Texas Instruments TXS0101DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Data
GND
GND
GND
Data
A
B
VCCA
VCCB
OE
1.8 V
System
Controller
3.3 V
System
3.3 V
1.8 V
TXS0101
SCES638A – OCTOBER 2007 – REVISED MAY 2008 ...................................................................................................................................................... www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
Reel of 3000
TXS0101YZPR
_ _ _2G_
(Pb-free)
Reel of 3000
TXS0101DBVR
SOT (SOT-23) – DBV
2G_
Reel of 250
TXS0101DBVT
–40
°C to 85°C
Reel of 3000
TXS0101DCKR
SOT (SC-70) – DCK
NFF_
Reel of 250
TXS0101DCKT
Reel of 3000
TXS0101DRLR
SOT (SOT-563) – DRL
2G_
Reel of 250
TXS0101DRLT
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(3)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
PIN DESCRIPTION
NO.
NAME
FUNCTION
1
VCCA
A-port supply voltage. 1.65 V
≤ VCCA ≤ 3.6 V and VCCA ≤ VCCB
2
GND
Ground
3
A
Input/output A. Referenced to VCCA.
4
B
Input/output B. Referenced to VCCB.
5
OE
Output enable. Pull OE low to place all outputs in 3-state mode. Referenced to VCCA.
6
VCCB
B-port supply voltage. 2.3 V
≤ VCCB ≤ 5.5 V
TYPICAL OPERATING CIRCUIT
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TXS0101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com