Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSL100C Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSSL100C
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSL100C Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSSL100C Datasheet HTML 5Page - NICHIA CORPORATION NSSL100C Datasheet HTML 6Page - NICHIA CORPORATION NSSL100C Datasheet HTML 7Page - NICHIA CORPORATION NSSL100C Datasheet HTML 8Page - NICHIA CORPORATION NSSL100C Datasheet HTML 9Page - NICHIA CORPORATION NSSL100C Datasheet HTML 10Page - NICHIA CORPORATION NSSL100C Datasheet HTML 11Page - NICHIA CORPORATION NSSL100C Datasheet HTML 12Page - NICHIA CORPORATION NSSL100C Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
85°C
50°C
25°C
0°C
-30°C
100mA
20mA
5mA
1mA
50mA
0.395 0.400 0.405 0.410 0.415
0.400
0.395
0.385
0.380
0.390
0.395 0.400 0.405 0.410 0.415
0.400
0.395
0.385
0.380
0.390
400
500
600
800
700
Ta=25°C
IFP=20mA
0°
30°
0.5
90°
60°
1.0
0°
10° 20°
30°
40°
50°
60°
70°
80°
90°
1.2
1.0
0.8
0.4
0.2
0
0.6
1.0
0.5
0
Ambient Temperature vs.
Chromaticity Coordinate
Directivity
Spectrum
Forward Current vs.
Chromaticity Coordinate
Radiation Angle
x
Wavelength
λ (nm)
x
Ta=25°C
IFP=20mA
Ta=25°C
IF=20mA
X
X
Y
Y
Y-Y
X-X
CHARACTERISTICS
Model
NSSL100C
NICHIA CORPORATION Title
No.
060524652991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com