Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSSL100C Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NSSL100C
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSL100C Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NSSL100C Datasheet HTML 5Page - NICHIA CORPORATION NSSL100C Datasheet HTML 6Page - NICHIA CORPORATION NSSL100C Datasheet HTML 7Page - NICHIA CORPORATION NSSL100C Datasheet HTML 8Page - NICHIA CORPORATION NSSL100C Datasheet HTML 9Page - NICHIA CORPORATION NSSL100C Datasheet HTML 10Page - NICHIA CORPORATION NSSL100C Datasheet HTML 11Page - NICHIA CORPORATION NSSL100C Datasheet HTML 12Page - NICHIA CORPORATION NSSL100C Datasheet HTML 13Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
The reel and moisture absorbent material are put in the moisture proof foil bag
and then heat sealed.
Label
The box is partitioned with the
cardboard.
Seal
Moisture proof foil bag
Nichia
LED
Reel
Moisture
absorbent material
Packing unit
Reel/bag
Quantity/bag (pcs)
Moisture proof foil bag
1reel
2,500 MAX.
Cardboard box
Dimensions (mm)
Reel/box
Quantity/box (pcs)
Cardboard box S
291 237 120 8t
7reel MAX.
17,500 MAX.
Cardboard box M
259 247 243 5t
15reel MAX.
37,500 MAX.
Cardboard box L
444 262 259 8t
30reel MAX.
75,000 MAX.
Label
XXXX LED
TYPE
NSSx100xT
LOT
xxxxxx-
QTY
PCS
NICHIA CORPORATION
491 OKA, KAMINAKA, ANAN, TOKUSHIMA,
JAPAN
NICHIA
XXXX LED
TYPE
NSSx100xT
RANK
QTY
PCS
NICHIA CORPORATION
491 OKA, KAMINAKA, ANAN, TOKUSHIMA,
JAPAN
NICHIA
-12-
NICHIA CORPORATION
No.
PACKING
050602541181
Title
Model
NSSx100xT
Nichia STSE-CC
6069A
<Cat.No.0
60601>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com