Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSTM515AS Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NSTM515AS
Description  SPECIFICATIONS FOR NICHIA FULL COLOR LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSTM515AS Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NSTM515AS Datasheet HTML 7Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 8Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 9Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 10Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 11Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 12Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 13Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 14Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 15Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
&
&
&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&&
& N>"HA&
&&&&&&&&
&&&&&&&&&&&&&&&&&&
&&&&&&&&&&&&
&
&&&&&&&&&&&&&&&&
&&&&&&&&&&&&&&&& && &
&
&
&&&&&&&&&&&&&&&& & &
&&&&&&&&&&&&&&&
&&&&&&&&
&
&&&&&&&&&&&&
S%VIF&
&
&
&
&
&
&
&
&
&
&
&
&
&
&
&
!
&NKA&A$"J&F%VIF&?H&A$I&#%>GV?%>G&V?9&[8&
($I&gK%HA"A:&"J&O>"HAIG&?H&A$"J&V%C8&
UHA"*IFI#A>?JA%A"#&V%C
&&+%>GV?%>G&V?9&[
&2-/$120$.10$3A
+%>GV?%>G
+%>GV?%>G
&&&&&&+%>GV?%>G&V?9&U
!
&($I&#%>GV?%>G&V?9&[&#?HA%"HJ
&&&&&&&&&.&#%>GV?%>G&V?9&U&%A&@%9"@K@8
&&&&&& & !&=&+&_&=&U&
&&&&&&
TKFF&+?F?>&S)B&
&&&&&(^N)&&&!'(,99999&
&&
&&&&&S`(&&&& 999999&
&&&&&h(^&&&&&&&&&&&O#J&
&
&&&&& !=+_=U&+`7N`7U(=`!&
&&&&&&&&&&&&361&`iU]iU,=!UiU]U!U!](`i\'_=,U]jUNU!
+U\(=`!&(`& &
& )S)+(7`'(U(=+&BU,U;)&
&&&&&&&& "#$%&'
&
&&&TKFF&+?F?>
&S)B&
(^N)&&&&&!'(,99999&
&
h(^&&&&&&&&&&&&N+'
&
!"#$"%
!=+_=U&+`7N`7U(=`!&
361&`iU]&iU,=!UiU]&U!U!]&(`i\'_=,U]&
jUNU!&
!=+_=U&+`7N`7U(=`!
!?8
NU+i=!;&
/111./1/63.1&
("AFI
,?GIF
!'(,99999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com