Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSTM515AS Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NSTM515AS
Description  SPECIFICATIONS FOR NICHIA FULL COLOR LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSTM515AS Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NSTM515AS Datasheet HTML 1Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 2Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 3Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 4Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 5Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 6Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 7Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 8Page - NICHIA CORPORATION NSTM515AS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
-1-
Nichia
STSE-CM2199B
<Cat.No.030526>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Absolute Maximum Rating
Item
Symbol
Blue
Green
Red
Unit
Forward Current
IF
30
30
50
mA
Pulse Forward Current
!
IFP
100
100
200
mA
Reverse Voltage
VR
5
V
Power Dissipation
!!
PD
120
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Lead Soldering Temperature
Tsld
265°C
for 10sec.
! IFP Conditions : Pulse Width 10msec. and Duty 1/10
!! Value is for one LED device (Single color). Total value should be within the absolute maximum rating
when illuminating more than two devices (Full colors).
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Blue
Green
Red
Item
Symbol
Condition
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20[mA]
-
3.6
4.0
-
3.5
4.0
-
1.9
2.4
V
Reverse Current
IR
VR= 5[V]
-
-
50
-
-
50
-
-
50
µA
Luminous Intensity
Iv
IF=20[mA]
86
125
250
425
600
1200
125
175
355
mcd
! Luminous Intensity Measurement allowance is ± 10%.
Color Ranks
(IF=20mA,Ta=25°C)
Blue
Rank W
x
0.139
0.129
0.113
0.134
0.145
0.152
y
0.035
0.050
0.080
0.105
0.072
0.056
Green
Rank G
x
0.190
0.140
0.180
0.223
0.250
0.219
y
0.628
0.729
0.740
0.735
0.638
0.637
Red
Rank R
x
0.674
0.648
0.677
0.708
y
0.296
0.323
0.323
0.292
! Color Coordinates Measurement allowance is ± 0.01.
<
=
<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com