Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

361R331M160HV2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 361R331M160HV2
Description  105 ?C, Miniature, Industrial Grade, Radial Leaded
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

361R331M160HV2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  361R331M160HV2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 361R331M160HV2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 361R331M160HV2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 361R331M160HV2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 361R331M160HV2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Type 361R 105 °C, Miniature, Industrial Grade, Radial Leaded
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
ESR Max.
120 Hz
25ºC (Ω)
Ripple A
120 Hz
85ºC (A)
Nom Size
D X L
(mm)
ESR Max.
120 Hz
25ºC (Ω)
Ripple A
120 Hz
85ºC (A)
Nom Size
D X L
(mm)
Cap.
(µF)
Catalog
Part Number
Cap.
(µF)
Catalog
Part Number
50 Vdc (63 Vdc Surge)
100 Vdc (125 Vdc Surge)
330
361R331M050EG2
0.443
0.760
12.5 x 20
100
361R101M100EG2
1.650
0.355
12.5 x 20
470
361R471M050EK2
0.343
0.960
12.5 x 25
120
361R121M100EK2
1.320
0.450
12.5 x 25
560
361R561M050EM2
0.266
1.050
12.5 x 26.5
150
361R151M100EM2
1.100
0.500
12.5 x 26.5
820
361R821M050EN2
0.180
1.380
12.5 x 33.5
220
361R221M100EN2
0.750
0.666
12.5 x 33.5
820
361R821M050HH2
0.190
1.560
22 x 22
220
361R221M100HH2
0.750
0.760
22 x 22
1000
361R102M050FK2
0.156
1.530
16 x 25
270
361R271M100ER2
0.610
0.750
12.5 x 42.5
1200
361R122M050ER2
0.125
1.810
12.5 x 42.5
270
361R271M100HK2
0.520
0.950
22 x 25
1500
361R152M050FF2
0.101
2.140
16 x 32
330
361R331M100FK2
0.500
0.875
16 x 25
1500
361R152M050HK2
0.106
2.160
22 x 25
390
361R391M100FF2
0.420
1.010
16 x 32
1800
361R182M050FQ2
0.083
2.440
16 x 36
470
361R471M100FQ2
0.350
1.150
16 x 36
1800
361R182M050HG2
0.084
2.490
22 x 30
470
361R471M100FV2
0.350
1.250
16 x 40
2200
361R222M050LQ2
0.081
2.640
18 x 36
470
361R471M100HG2
0.351
1.250
22 x 30
2200
361R222M050FV2
0.081
2.600
16 x 40
560
361R561M100LQ2
0.290
1.370
18 x 36
2700
361R272M050HV2
0.067
3.190
22 x 40
680
361R681M100HV2
0.241
1.690
22 x 40
2700
361R272M050LV2
0.065
3.040
18 x 40
680
361R681M100LV2
0.240
1.570
18 x 40
63 Vdc (79 Vdc Surge)
160 Vdc (185 Vdc Surge)
330
361R331M063EG2
0.450
0.760
12.5 x 20
33
361R330M160EG2
5.000
0.200
12.5 x 20
470
361R471M063EK2
0.318
0.960
12.5 x 25
47
361R470M160EK2
3.500
0.250
12.5 x 25
470
361R471M063EM2
0.318
0.980
12.5 x 26.5
56
361R560M160EM2
2.950
0.280
12.5 x 26.5
560
361R561M063EN2
0.268
1.150
12.5 x 33.5
82
361R820M160EN2
2.000
0.380
12.5 x 33.5
680
361R681M063ER2
0.183
1.540
12.5 x 42.5
100
361R101M160ER2
1.650
0.460
12.5 x 42.5
820
361R821M063FK2
0.220
1.310
16 x 25
100
361R101M160FK2
1.650
0.430
16 x 25
820
361R821M063HH2
0.220
1.420
22 x 22
100
361R101M160HH2
1.650
0.475
22 x 22
1200
361R122M063FF2
0.150
1.700
16 x 32
150
361R151M160FF2
1.100
0.580
16 x 32
1200
361R122M063HK2
0.150
1.810
22 x 25
150
361R151M160HK2
1.100
0.610
22 x 25
1500
361R152M063FQ2
0.125
1.980
16 x 36
180
361R181M160FQ2
0.920
0.665
16 x 36
1500
361R152M063HG2
0.099
2.310
22 x 30
220
361R221M160FV2
0.750
0.770
16 x 40
1800
361R182M063FV2
0.100
2.300
16 x 40
220
361R221M160HG2
0.751
0.840
22 x 30
1800
361R182M063LQ2
0.100
2.580
18 x 36
220
361R221M160LQ2
0.750
0.800
18 x 36
2200
361R222M063HV2
0.072
2.990
22 x 40
270
361R271M160LV2
0.610
0.920
18 x 40
2200
361R222M063LV2
0.083
2.700
18 x 40
330
361R331M160HV2
0.512
0.990
22 x 40
75 Vdc (90 Vdc Surge)
200 Vdc (225 Vdc Surge)
150
361R151M075EG2
1.070
0.450
12.5 x 20
27
361R270M200EG2
5.900
0.175
12.5 x 20
220
361R221M075EK2
0.727
0.580
12.5 x 25
47
361R470M200EK2
3.600
0.250
12.5 x 25
270
361R271M075EM2
0.600
0.650
12.5 x 26.5
56
361R560M200EM2
3.000
0.280
12.5 x 26.5
390
361R391M075EN2
0.410
0.870
12.5 x 33.5
68
361R680M200EN2
2.500
0.340
12.5 x 33.5
470
361R471M075FK2
0.340
1.000
16 x 25
82
361R820M200FK2
2.000
0.390
16 x 25
470
361R471M075HH2
0.340
1.040
22 x 22
82
361R820M200HH2
2.000
0.430
22 x 22
560
361R561M075ER2
0.285
1.160
12.5 x 42.5
100
361R101M200ER2
1.650
0.450
12.5 x 42.5
680
361R681M075FF2
0.235
1.320
16 x 32
120
361R121M200FF2
1.380
0.520
16 x 32
680
361R681M075HK2
0.235
1.310
22 x 25
120
361R121M200HK2
1.380
0.545
22 x 25
820
361R821M075FQ2
0.195
1.520
16 x 36
150
361R151M200FQ2
1.100
0.600
16 x 36
1000
361R102M075FV2
0.160
1.660
16 x 40
180
361R181M200HG2
1.000
0.730
22 x 30
1000
361R102M075HG2
0.161
1.810
22 x 30
220
361R221M200FV2
0.760
0.760
16 x 40
1000
361R102M075LQ2
0.160
1.700
18 x 36
220
361R221M200LQ2
0.760
0.790
18 x 36
1200
361R122M075LV2
0.133
1.900
18 x 40
270
361R271M200HV2
0.781
0.940
22 x 40
1500
361R152M075HV2
0.107
2.530
22 x 40
270
361R271M200LV2
0.620
0.910
18 x 40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com