Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

361R331M160HV2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 361R331M160HV2
Description  105 ?C, Miniature, Industrial Grade, Radial Leaded
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

361R331M160HV2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  361R331M160HV2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 361R331M160HV2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 361R331M160HV2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 361R331M160HV2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 361R331M160HV2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Type 361R 105 °C, Miniature, Industrial Grade, Radial Leaded
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
ESR Max.
120 Hz
25ºC (Ω)
Ripple A
120 Hz
85ºC (A)
Nom Size
D X L
(mm)
ESR Max.
120 Hz
25ºC (Ω)
Ripple A
120 Hz
85ºC (A)
Nom Size
D X L
(mm)
Cap.
(µF)
Catalog
Part Number
Cap.
(µF)
Catalog
Part Number
250 Vdc (300 Vdc Surge)
33
361R330M350HH2
5.000
0.275
22 x 22
18
361R180M250EG2
9.200
0.145
12.5 x 20
39
361R390M350FF2
4.250
0.295
16 x 32
27
361R270M250EK2
6.100
0.190
12.5 x 25
47
361R470M350FQ2
3.500
0.340
16 x 36
33
361R330M250EM2
5.000
0.215
12.5 x 26.5
47
361R470M350HK2
3.500
0.340
22 x 25
47
361R470M250EN2
3.500
0.285
12.5 x 33.5
56
361R560M350FV2
2.950
0.385
16 x 40
47
361R470M250FK2
3.500
0.295
16 x 25
56
361R560M350HG2
2.950
0.420
22 x 30
56
361R560M250ER2
2.950
0.345
12.5 x 42.5
68
361R680M350LQ2
2.420
0.445
18 x 36
56
361R560M250HH2
2.950
0.350
22 x 22
82
361R820M350HV2
2.000
0.590
22 x 40
68
361R680M250FF2
2.420
0.390
16 x 32
82
361R820M350LV2
2.000
0.500
18 x 40
82
361R820M250FQ2
2.000
0.450
16 x 36
400 Vdc (450 Vdc Surge)
82
361R820M250HK2
2.000
0.450
22 x 25
8
361R080M400EK2
20.00
0.105
12.5 x 25
100
361R101M250FV2
1.650
0.515
16 x 40
12
361R120M400EM2
13.80
0.125
12.5 x 26.5
120
361R121M250HG2
1.380
0.620
22 x 30
18
361R180M400EN2
9.100
0.175
12.5 x 33.5
120
361R121M250LQ2
1.380
0.585
18 x 36
22
361R220M400FK2
7.500
0.200
16 x 25
150
361R151M250LV2
1.100
0.685
18 x 40
27
361R270M400ER2
6.100
0.235
12.5 x 42.5
180
361R181M250HV2
0.921
0.880
22 x 40
33
361R330M400FF2
5.000
0.275
16 x 32
300 Vdc (365 Vdc Surge)
33
361R330M400HH2
5.000
0.275
22 x 22
12
361R120M300EG2
13.80
0.120
12.5 x 20
39
361R390M400FQ2
4.200
0.315
16 x 36
18
361R180M300EK2
9.150
0.155
12.5 x 25
39
361R390M400HK2
4.200
0.315
22 x 25
22
361R220M300EM2
7.500
0.175
12.5 x 26.5
47
361R470M400FV2
3.500
0.355
16 x 40
33
361R330M300EN2
5.000
0.240
12.5 x 33.5
47
361R470M400HG2
3.510
0.390
22 x 30
33
361R330M300FK2
5.000
0.245
16 x 25
56
361R560M400LQ2
2.950
0.400
18 x 36
39
361R390M300HH2
4.250
0.295
22 x 22
68
361R680M400HV2
2.420
0.530
22 x 40
47
361R470M300ER2
3.500
0.315
12.5 x 42.5
68
361R680M400LV2
2.420
0.465
18 x 40
47
361R470M300FF2
3.500
0.325
16 x 32
450 Vdc (500 Vdc Surge)
56
361R560M300FQ2
2.950
0.375
16 x 36
7
361R070M450EK2
20.00
0.100
12.5 x 25
56
361R560M300HK2
2.950
0.375
22 x 25
10
361R100M450EM2
16.50
0.120
12.5 x 26.5
68
361R680M300FV2
2.420
0.430
16 x 40
15
361R150M450EN2
11.00
0.165
12.5 x 33.5
68
361R680M300HG2
2.420
0.480
22 x 30
18
361R180M450FK2
9.100
0.185
16 x 25
82
361R820M300LQ2
2.000
0.485
18 x 36
22
361R220M450ER2
7.500
0.215
12.5 x 42.5
100
361R101M300HV2
1.650
0.650
22 x 40
27
361R270M450FF2
6.100
0.245
16 x 32
100
361R101M300LV2
1.650
0.555
18 x 40
27
361R270M450HH2
6.100
0.245
22 x 22
350 Vdc (400 Vdc Surge)
33
361R330M450FQ2
5.000
0.285
16 x 36
10
361R100M350EK2
16.50
0.115
12.5 x 25
33
361R330M450HK2
5.000
0.300
22 x 25
15
361R150M350EM2
11.00
0.145
12.5 x 26.5
39
361R390M450FV2
4.200
0.325
16 x 40
22
361R220M350EN2
7.500
0.195
12.5 x 33.5
39
361R390M450HG2
4.200
0.350
22 x 30
27
361R270M350FK2
6.100
0.225
16 x 25
47
361R470M450LQ2
3.500
0.365
18 x 36
33
361R330M350ER2
5.000
0.265
12.5 x 42.5
56
361R560M450LV2
2.950
0.415
18 x 40
68
361R680M450HV2
2.450
0.530
22 x 40



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com