Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

326152T6R3JS0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 326152T6R3JS0
Description  –55 ?C to 125 ?C Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

326152T6R3JS0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  326152T6R3JS0 Datasheet HTML 1Page - List of Unclassifed Manufacturers 326152T6R3JS0 Datasheet HTML 2Page - List of Unclassifed Manufacturers 326152T6R3JS0 Datasheet HTML 3Page - List of Unclassifed Manufacturers 326152T6R3JS0 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 325/326, –55 ºC to 125 ºC Long-Life, Switching Power Grade Radial
High Temperature and Ultra-Low ESR
The Types 325 and 326 are the ultra-wide-temperature, low-ESR
capacitors for switching power-supply outputs and automotive applications.
The 125 °C capability and exceptionally low ESRs enable high ripple-
current capability. With series inductance of 12 to 16 nH and ripple currents
to 27 amps one of these capacitors can save by replacing eight to ten of the
12.5 mm diameter capacitors routinely at the output of switching power
supplies. Type 325 has three leads for rugged, reverse-proof mounting, and
Type 326 has two leads
.
Highlights
•
2000 hour life test at 125 °C
•
Ripple Current to 27 amps
•
ESRs to 5 m
Ω
•
> 90% capacitance at –40 °C
•
Replaces multiple capacitors
Specifications
Type 325
Type 326
Operating Temperature:
–55 °C to 125 °C
Rated Voltage:
6.3 to 63 Vdc –
Capacitance:
880 µF to 46,000 µF
Capacitance Tolerance:
–10 +75%
Leakage Current:
≤0.5 √CV µA, 4 mA max, 5 minutes
Cold Impedance:
–55 °C multiple of 25 °C Z ≤2.5 @ 120 Hz
≤20 from 20–100 kHz
Ambient Temperature
Ripple Current Multipliers:
Life Test:
2000 h with rated voltage at 125 °C
∆ capacitance ± 10%
ESR 125 % of limit
DCL 100 % of limit
Load Life:
4000 h at full load at 85 °C
∆ capacitance ± 10%
ESR 200 % of limit
DCL 100 % of limit
Shelf Life
:
500 h at 105 °C,
∆ capacitance ± 10%,
ESR 110% of limit,
DCL 200% of limit
Vibration:
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
Outline Drawings
45ºC
55ºC 65ºC
75ºC
85ºC
95ºC
105ºC 115ºC 125ºC
1.39
1.3
1.21
1.11
1.00
0.88
0.73
0.55
0.26
120 Hz
360 Hz
400 Hz
1 kHz
20-100 kHz
see ratings
0.76
0.77
0.85
1.00
Frequency
Complies with the EU Directive
2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls
(PBB) and PolyBrominated
Diphenyl Ethers (PBDE).


Similar Part No. - 326152T6R3JS0

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3261 POMONA-3261 Datasheet
21Kb / 1P
Standard Rivet Type Banana Plug With Turret For 3/32??Thick Panel
logo
KR Electronics, Inc.
3261 KR-3261 Datasheet
57Kb / 3P
100 MHz Lowpass Filter
logo
List of Unclassifed Man...
3261 ETC-3261 Datasheet
103Kb / 1P
Heyco-Flex?줞ounting Brackets
logo
Heyco.
3261 HEYCO-3261 Datasheet
102Kb / 1P
Heyco-Flex™Mounting Brackets
3261 HEYCO-3261 Datasheet
137Kb / 1P
Snub Bushings
More results

Similar Description - 326152T6R3JS0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
330153U6R3GT2 ETC2-330153U6R3GT2 Datasheet
365Kb / 5P
-55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
400C262M100AK8 ETC2-400C262M100AK8 Datasheet
343Kb / 6P
95 ?C, Long-Life, C Radial Leaded, Aluminum Electrolytic
logo
Cornell Dubilier Electr...
300 CDE-300 Datasheet
487Kb / 11P
Long-Life, Switching Power Grade Radial
325 CDE-325 Datasheet
331Kb / 4P
Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
330 CDE-330 Datasheet
365Kb / 5P
Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
400C CDE-400C Datasheet
343Kb / 6P
Long-Life, C Radial Leaded, Aluminum Electrolytic
MLP193M7R5EK0A CDE-MLP193M7R5EK0A Datasheet
454Kb / 5P
85 ?C Flatpack, Ultra-Long Life, Aluminum
MLS193M5R0EK0C CDE-MLS193M5R0EK0C Datasheet
467Kb / 4P
125 ?C Stainless Flatpack,Ultra-Long Life, Aluminum
ATB CDE-ATB Datasheet
341Kb / 2P
105°C Long Life, Low Impedance
Sep-21
logo
RFE international
RUK RFE-RUK Datasheet
989Kb / 5P
Aluminum Electrolytic Capacitors RUK Series: Radial, Long Life, 125°C
07-OCT-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com