Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

326152T6R3JS0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 326152T6R3JS0
Description  –55 ?C to 125 ?C Long-Life, Switching Power Grade Radial High Temperature and Ultra-Low ESR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

326152T6R3JS0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  326152T6R3JS0 Datasheet HTML 1Page - List of Unclassifed Manufacturers 326152T6R3JS0 Datasheet HTML 2Page - List of Unclassifed Manufacturers 326152T6R3JS0 Datasheet HTML 3Page - List of Unclassifed Manufacturers 326152T6R3JS0 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 325/326,–55 ºC to 125 ºC Long-Life, Switching Power Grade Radial
325 - 3 leads
152=1500 µF
M = 20%
6R3=6.3 V
See
0 = bare can
(
blank) =no epoxy
326 - 2 leads
393=39000 µF
T = 10% + 50%
035=35 V
Ratings
1 = polyester
E = Epoxy endseal
326A - 3 leads, laydown
U = 10% + 75%
Type
Capacitance
Tolerance
Voltage
Case Code Insulation
Epoxy
325
393
U
6R3
JS
1
E
Part Numbering System
Case
Code
Insulated
Epoxy
endseal L
Max
Bare Can
Lead Spacing
Lead Diameter
D ± 0.015 (0.4 mm)
D ± 0.015 (0.4 mm)
Type 325
Type 326
dia.
AWG
L ± 0.062 (1.6 mm)
L ± 0.030 (0.8 mm)
S1
T
S2
D x L
D x L
±0.020(0.5 mm) ±0.020(0.5 mm)
Case Dimensions in Inches
GE
.765 x 1.150
1.212
0.750 x 1.125
0.200
0.300
0.300
0.040
18
GJ
.765 x 1.650
1.712
0.750 x 1.625
0.200
0.300
0.300
0.040
18
GL
.765 x 2.150
2.212
0.750 x 2.125
0.200
0.300
0.300
0.040
18
GP
.765 x 2.650
2.712
0.750 x 2.625
0.200
0.300
0.300
0.040
18
GS
.765 x 3.150
3.212
0.750 x 3.125
0.200
0.300
0.300
0.040
18
GT
.765 x 3.650
3.712
0.750 x 3.625
0.200
0.300
0.300
0.040
18
HE
.890 x 1.150
1.212
0.875 x 1.125
0.300
0.400
0.300
0.040
18
HJ
.890 x 1.650
1.712
0.875 x 1.625
0.300
0.400
0.300
0.040
18
HL
.890 x 2.150
2.212
0.875 x 2.125
0.300
0.400
0.300
0.040
18
HP
.890 x 2.650
2.712
0.875 x 2.625
0.300
0.400
0.300
0.040
18
HS
.890 x 3.150
3.212
0.875 x 3.125
0.300
0.400
0.300
0.040
18
HT
.890 x 3.650
3.712
0.875 x 3.625
0.300
0.400
0.300
0.040
18
JE
1.015 x 1.150
1.212
1.000 x 1.125
0.300
0.400
0.400
0.040
18
JJ
1.015 x 1.650
1.712
1.000 x 1.625
0.300
0.400
0.400
0.040
18
JL
1.015 x 2.150
2.212
1.000 x 2.125
0.300
0.400
0.400
0.040
18
JP
1.015 x 2.650
2.712
1.000 x 2.625
0.300
0.400
0.400
0.040
18
JS
1.015 x 3.150
3.212
1.000 x 3.125
0.300
0.400
0.400
0.040
18
JT
1.015 x 3.650
3.712
1.000 x 3.625
0.300
0.400
0.400
0.040
18
Case Dimensions in Millimeters
GE
19.4 x 29.2
30.8
19.1 x 28.6
5.08
7.62
7.62
1.02
18
GJ
19.4 x 41.9
43.5
19.1 x 41.3
5.08
7.62
7.62
1.02
18
GL
19.4 x 54.6
56.2
19.1 x 54.0
5.08
7.62
7.62
1.02
18
GP
19.4 x 67.3
68.9
19.1 x 66.7
5.08
7.62
7.62
1.02
18
GS
19.4 x 80.0
81.6
19.1 x 79.4
5.08
7.62
7.62
1.02
18
GT
19.4 x 92.7
94.3
19.1 x 92.1
5.08
7.62
7.62
1.02
18
HE
22.6 x 29.2
30.8
22.2 x 28.6
7.62
10.16
7.62
1.02
18
HJ
22.6 x 41.9
43.5
22.2 x 41.3
7.62
10.16
7.62
1.02
18
HL
22.6 x 54.6
56.2
22.2 x 54.0
7.62
10.16
7.62
1.02
18
HP
22.6 x 67.3
68.9
22.2 x 66.7
7.62
10.16
7.62
1.02
18
HS
22.6 x 80.0
81.6
22.2 x 79.4
7.62
10.16
7.62
1.02
18
HT
22.6 x 92.7
94.3
22.2 x 92.1
7.62
10.16
7.62
1.02
18
JE
25.8 x 29.2
30.8
25.4 x 28.6
7.62
10.16
10.16
1.02
18
JJ
25.8 x 41.9
43.5
25.4 x 41.3
7.62
10.16
10.16
1.02
18
HL
25.8 x 54.6
56.2
25.4 x 54.0
7.62
10.16
10.16
1.02
18
JP
25.8 x 67.3
68.9
25.4 x 66.7
7.62
10.16
10.16
1.02
18
JS
25.8 x 80.0
81.6
25.4 x 79.4
7.62
10.16
10.16
1.02
18
JT
25.8 x 92.7
94.3
25.4 x 92.1
7.62
10.16
10.16
1.02
18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com