Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5944PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5944PWPR
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5944PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC5944PWPR Datasheet HTML 9Page - Texas Instruments TLC5944PWPR Datasheet HTML 10Page - Texas Instruments TLC5944PWPR Datasheet HTML 11Page - Texas Instruments TLC5944PWPR Datasheet HTML 12Page - Texas Instruments TLC5944PWPR Datasheet HTML 13Page - Texas Instruments TLC5944PWPR Datasheet HTML 14Page - Texas Instruments TLC5944PWPR Datasheet HTML 15Page - Texas Instruments TLC5944PWPR Datasheet HTML 16Page - Texas Instruments TLC5944PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TYPICAL CHARACTERISTICS
100000
10000
1000
100
0
10
20
30
40
60
OutputCurrent(mA)
50
9750
4860
3240
2430
1944
1620
1389
1215
1080
884
810
972
24300
4000
3000
2000
1000
0
-
40
-
20
0
20
40
60
80
Free-AirTemperature( C)
°
TLC5944RHB
TLC5944PWP
PowerPADSoldered
TLC5944PWP
PowerPADNotSoldered
100
70
60
50
40
30
20
10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
OutputVoltage(V)
T =+25 C
DC=3Fh
°
A
I
=60mA
O
I
=50mA
O
I
=40mA
O
I
=30mA
O
I
=20mA
O
I
=5mA
O
I
=10mA
O
I
=2mA
O
65
64
63
62
61
60
59
58
57
56
55
0
0.5
1.0
1.5
2.0
2.5
3.0
OutputVoltage(V)
T =
40
-
°
C
A
T =+25 C
°
A
T =+85 C
°
A
I
=60mA
O
4
3
2
1
0
1
2
3
4
-
-
-
-
-
40
-
20
0
20
40
60
80
100
AmbientTemperature( C)
°
I
=60mA
O
V
=5V
CC
V
=3.3V
CC
4
3
2
1
0
1
2
3
4
-
-
-
-
0
10
20
30
40
50
60
OutputCurrent(mA)
T =+25 C
°
A
V
=5V
CC
V
=3.3V
CC
TLC5944
www.ti.com ...................................................................................................................................................................................................... SBVS112 – JUNE 2008
At VCC = 3.3 V and TA = +25°C, unless otherwise noted.
POWER DISSIPATION RATE
REFERENCE RESISTOR vs OUTPUT CURRENT
vs FREE-AIR TEMPERATURE
Figure 17.
Figure 18.
OUTPUT CURRENT vs OUTPUT VOLTAGE(1)
OUTPUT CURRENT vs OUTPUT VOLTAGE
Figure 20.
(1) When the output voltage is less than the maximum voltage of the
LED open detection threshold (VLOD = 0.4 VMAX) while the LED is on,
the LED is forced off by the auto output off function.
Figure 19.
ΔIOLC vs AMBIENT TEMPERATURE
ΔIOLC vs OUTPUT CURRENT
Figure 21.
Figure 22.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLC5944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com