Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC5944PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5944PWPR
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5944PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TLC5944PWPR Datasheet HTML 1Page - Texas Instruments TLC5944PWPR Datasheet HTML 2Page - Texas Instruments TLC5944PWPR Datasheet HTML 3Page - Texas Instruments TLC5944PWPR Datasheet HTML 4Page - Texas Instruments TLC5944PWPR Datasheet HTML 5Page - Texas Instruments TLC5944PWPR Datasheet HTML 6Page - Texas Instruments TLC5944PWPR Datasheet HTML 7Page - Texas Instruments TLC5944PWPR Datasheet HTML 8Page - Texas Instruments TLC5944PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
(1) (2)
TLC5944
SBVS112 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
The TLC5944 is a 16-channel, constant current sink driver. Each channel is individually adjustable with 4096
pulse-width modulated (PWM) steps and 64 constant sink current (dot correction) steps. The dot correction (DC)
adjusts for brightness variations between LEDs. Both grayscale (GS) control and DC are accessible via a
common serial interface port. The maximum current value of all 16 channels can be set by a single external
resistor.
The TLC5944 has an internal pre-charge FET to prevent the ghost-lighting phenomenon that occurs on
multiplexed LED systems. The TLC5944 has three error detection circuits for LED open detection (LOD), a
thermal error flag (TEF), and a pre-thermal warning (PTW). The LOD detects a broken or disconnected LED, and
a shorted LED to GND during the display period. The TEF indicates a too-high temperature condition; when the
TEF is set, all output drivers are turned off by the thermal shutdown (TSD) protection. Additionally, when the TEF
is cleared, all output drivers are restarted. The PTW indicates that the IC is operating in a high temperature
condition. The output drivers remain on when PTW is set.
blank
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
TRANSPORT MEDIA,
PRODUCT
PACKAGE-LEAD
ORDERING NUMBER
QUANTITY
TLC5944PWPR
Tape and Reel, 2000
TLC5944
HTSSOP-28 PowerPAD™
TLC5944PWP
Tube, 50
TLC5944RHBR
Tape and Reel, 3000
TLC5944
5 mm × 5 mm QFN-32
TLC5944RHBT
Tape and Reel, 250
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
TLC5944
UNIT
VCC
Supply voltage, VCC
–0.3 to +6.0
V
VUP
Pre-charge voltage
–0.3 to +16
V
XERR
6
mA
IOUT
Output current (dc)
OUT0 to OUT15
70
mA
Input voltage range:
VIN
–0.3 to VCC + 0.3
V
SIN, SCLK, XLAT, BLANK, GSCLK, DCSEL, IREF
SOUT, XERR
–0.3 to VCC + 0.3
V
VOUT
Output voltage range
OUT0 to OUT15
–0.3 to VUP + 0.3
V
TJ(max)
Operating junction temperature
+150
°C
TSTG
Storage temperature range
–55 to +150
°C
Human body model (HBM)
2
kV
ESD rating
Charged device model (CDM)
500
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
All voltage values are with respect to network ground terminal.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com