Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM335 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320DM335 Datasheet HTML 1Page - Texas Instruments TMS320DM335 Datasheet HTML 2Page - Texas Instruments TMS320DM335 Datasheet HTML 3Page - Texas Instruments TMS320DM335 Datasheet HTML 4Page - Texas Instruments TMS320DM335 Datasheet HTML 5Page - Texas Instruments TMS320DM335 Datasheet HTML 6Page - Texas Instruments TMS320DM335 Datasheet HTML 7Page - Texas Instruments TMS320DM335 Datasheet HTML 8Page - Texas Instruments TMS320DM335 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 156 page
background image
Contents
TMS320DM335
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS528 – JULY 2008
1
TMS320DM335 Digital Media System-on-Chip
(Unless Otherwise Noted)
.......................... 93
(DMSoC)
................................................... 1
4.2
Recommended Operating Conditions
............... 94
1.1
Features
.............................................. 1
4.3
Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Case
1.2
Description
............................................ 3
Temperature (Unless Otherwise Noted)
............ 95
1.3
Functional Block Diagram
............................ 4
5
DM335 Peripheral Information and Electrical
2
Device Overview
......................................... 6
Specifications
........................................... 96
2.1
Device Characteristics
................................ 6
5.1
Parameter Information Device-Specific Information
96
2.2
Memory Map Summary
............................... 7
5.2
Recommended Clock and Control Signal Transition
2.3
Pin Assignments
...................................... 9
Behavior
............................................. 98
2.4
Pin Functions
........................................ 13
5.3
Power Supplies
...................................... 98
2.5
Pin List
.............................................. 36
5.4
Reset
............................................... 100
2.6
Device Support
...................................... 55
5.5
Oscillators and Clocks
............................. 101
3
Detailed Device Description
.......................... 59
5.6
General-Purpose Input/Output (GPIO)
............. 106
3.1
ARM Subsystem Overview
.......................... 59
5.7
External Memory Interface (EMIF)
................. 108
3.2
ARM926EJ-S RISC CPU
............................ 60
5.8
MMC/SD
........................................... 115
3.3
Memory Mapping
.................................... 62
5.9
Video Processing Sub-System (VPSS) Overview
. 117
3.4
ARM Interrupt Controller (AINTC)
................... 63
5.10
USB 2.0
............................................ 129
3.5
Device Clocking
..................................... 65
5.11
Universal Asynchronous Receiver/Transmitter
(UART)
............................................. 131
3.6
PLL Controller (PLLC)
............................... 75
5.12
Serial Port Interface (SPI)
.......................... 133
3.7
Power and Sleep Controller (PSC)
.................. 79
5.13
Inter-Integrated Circuit (I2C)
....................... 136
3.8
System Control Module
............................. 79
5.14
Audio Serial Port (ASP)
............................ 139
3.9
Pin Multiplexing
...................................... 80
5.15
Timer
............................................... 147
3.10
Device Reset
........................................ 81
5.16
Pulse Width Modulator (PWM)
..................... 148
3.11
Default Device Configurations
....................... 82
5.17
Real Time Out (RTO)
.............................. 150
3.12
Device Boot Modes
................................. 85
5.18
IEEE 1149.1 JTAG
................................ 151
3.13
Power Management
................................. 87
6
Mechanical Data
....................................... 154
3.14
64-Bit Crossbar Architecture
........................ 89
6.1
Thermal Data for ZCE
............................. 154
4
Device Operating Conditions
........................ 93
6.1.1
Packaging Information
............................. 154
4.1
Absolute Maximum Ratings Over Operating Case
Temperature Range
Submit Documentation Feedback
Contents
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com