Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM335 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC)
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM335 Datasheet HTML 1Page - Texas Instruments TMS320DM335 Datasheet HTML 2Page - Texas Instruments TMS320DM335 Datasheet HTML 3Page - Texas Instruments TMS320DM335 Datasheet HTML 4Page - Texas Instruments TMS320DM335 Datasheet HTML 5Page - Texas Instruments TMS320DM335 Datasheet HTML 6Page - Texas Instruments TMS320DM335 Datasheet HTML 7Page - Texas Instruments TMS320DM335 Datasheet HTML 8Page - Texas Instruments TMS320DM335 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
1
TMS320DM335 Digital Media System-on-Chip (DMSoC)
1.1 Features
TMS320DM335
Digital Media System-on-Chip (DMSoC)
www.ti.com
SPRS528 – JULY 2008
–
DDR2 and mDDR SDRAM 16-bit wide EMIF
• High-Performance Digital Media
With 256 MByte Address Space (1.8-V I/O)
System-on-Chip
–
Asynchronous16-/8-bit Wide EMIF (AEMIF)
–
135-, 216-, and 270-MHz ARM926EJ-S™
• Flash Memory Interfaces
Clock Rate
–
NAND (8-/16-bit Wide Data)
–
Fully Software-Compatible With ARM9
–
OneNAND(16-bit Wide Data)
• ARM926EJ-S Core
• Flash Card Interfaces
–
Support for 32-Bit and 16-Bit (Thumb Mode)
Instruction Sets
–
Two Multimedia Card (MMC) / Secure
Digital (SD/SDIO)
–
DSP Instruction Extensions and Single
Cycle MAC
–
SmartMedia
–
ARM® Jazelle® Technology
• Enhanced Direct-Memory-Access (EDMA)
–
EmbeddedICE-RT™ Logic for Real-Time
Controller (64 Independent Channels)
Debug
• USB Port with Integrated 2.0 High-Speed PHY
• ARM9 Memory Architecture
that Supports
–
16K-Byte Instruction Cache
–
USB 2.0 Full and High-Speed Device
–
8K-Byte Data Cache
–
USB 2.0 Low, Full, and High-Speed Host
–
32K-Byte RAM
• Three 64-Bit General-Purpose Timers (each
configurable as two 32-bit timers)
–
8K-Byte ROM
• One 64-Bit Watch Dog Timer
–
Little Endian
• Three UARTs (One fast UART with RTS and
• Video Processing Subsystem
CTS Flow Control)
–
Front End Provides:
• Three Serial Port Interfaces (SPI) each with
• Hardware IPIPE for Real-Time Image
two Chip-Selects
Processing
• One Master/Slave Inter-Integrated Circuit (I2C)
• Up to 14-bit CCD/CMOS Digital Interface
Bus®
• 16-/8-bit Generic YcBcR-4:2 Interface
• Two Audio Serial Port (ASP)
(BT.601)
–
I2S and TDM I2S
• 10-/8-bit CCIR6565/BT655 Interface
–
AC97 Audio Codec Interface
• Up to 75-MHz Pixel Clock
–
S/PDIF via Software
• Histogram Module
–
Standard Voice Codec Interface (AIC12)
• Resize Engine
–
SPI Protocol (Master Mode Only)
–
Resize Images From 1/16x to 8x
–
Separate Horizontal/Vertical Control
• Four Pulse Width Modulator (PWM) Outputs
–
Two Simultaneous Output Paths
• Four RTO (Real Time Out) Outputs
–
Back End Provides:
• Up to 104 General-Purpose I/O (GPIO) Pins
(Multiplexed with Other Device Functions)
• Hardware On-Screen Display (OSD)
• Composite NTSC/PAL video encoder
• On-Chip ARM ROM Bootloader (RBL) to Boot
output
From NAND Flash, MMC/SD, or UART
• 8-/16-bit YCC and Up to 18-Bit RGB666
• Configurable Power-Saving Modes
Digital Output
• Crystal or External Clock Input (typically
• BT.601/BT.656 Digital YCbCr 4:2:2
24 MHz or 36 MHz)
(8-/16-Bit) Interface
• Flexible PLL Clock Generators
• Supports digital HDTV (720p/1080i)
• Debug Interface Support
output for connection to external
–
IEEE-1149.1 (JTAG)
encoder
Boundary-Scan-Compatible
• External Memory Interfaces (EMIFs)
–
ETB™ (Embedded Trace Buffer™) with
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
Windows is a trademark of Microsoft.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMS320DM335

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 158P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
195Kb / 26P
Digital Media System-on-Chip (DMSoC) Silicon Revision 1.1
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 155P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335 Datasheet
1Mb / 160P
Digital Media System-on-Chip (DMSoC)
TMS320DM335CZCE216 TI1-TMS320DM335CZCE216 Datasheet
1Mb / 160P
Digital Media System-on-Chip (DMSoC)
More results

Similar Description - TMS320DM335

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
Digital Media System-on-Chip(DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
Digital Media System-on-Chip (DMSoC)
TMS320DM368 TI1-TMS320DM368_17 Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com