Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4S009DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4S009DBVR
Description  4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4S009DBVR Datasheet(HTML) 4 Page - Texas Instruments

  TPD4S009DBVR Datasheet HTML 1Page - Texas Instruments TPD4S009DBVR Datasheet HTML 2Page - Texas Instruments TPD4S009DBVR Datasheet HTML 3Page - Texas Instruments TPD4S009DBVR Datasheet HTML 4Page - Texas Instruments TPD4S009DBVR Datasheet HTML 5Page - Texas Instruments TPD4S009DBVR Datasheet HTML 6Page - Texas Instruments TPD4S009DBVR Datasheet HTML 7Page - Texas Instruments TPD4S009DBVR Datasheet HTML 8Page - Texas Instruments TPD4S009DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TYPICAL CHARACTERISTICS
-10
-8
-6
-4
-2
0
2
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
Frequency (Hz)
100k
1M
10M
100M
1G
10G
D1+
D2+
0
10
20
30
40
50
60
70
–40
25
55
85
Temperature, T (°C)
A
0.0
1.0
2.0
3.0
4.0
5.0
1
2
3
4
5
IO Voltage (V)
–20
0
20
40
60
80
100
120
140
160
180
200
220
0
25
50
75
100
125
150
175
200
225
250
Time (nS)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
45
50
Time ( s)
µ
0
5
10
15
20
25
30
Power (W)
Current (A)
TPD4S009
SLVS817 – MAY 2008 ........................................................................................................................................................................................................ www.ti.com
Figure 1. Insertion Loss S21 – I/O to GND
Figure 2. Leakage Current vs Temperature (VIO = 2.5 V)
Figure 3. IO Capacitance vs Input Voltage (VCC = 5 V)
Figure 4. IEC Clamping Waveforms
(8-kV Contact, Average of Ten Waveforms)
Figure 5. Pulse Waveform (8/20
µs Pulse)
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPD4S009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com