Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD4S009DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4S009DBVR
Description  4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD4S009DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TPD4S009DBVR Datasheet HTML 1Page - Texas Instruments TPD4S009DBVR Datasheet HTML 2Page - Texas Instruments TPD4S009DBVR Datasheet HTML 3Page - Texas Instruments TPD4S009DBVR Datasheet HTML 4Page - Texas Instruments TPD4S009DBVR Datasheet HTML 5Page - Texas Instruments TPD4S009DBVR Datasheet HTML 6Page - Texas Instruments TPD4S009DBVR Datasheet HTML 7Page - Texas Instruments TPD4S009DBVR Datasheet HTML 8Page - Texas Instruments TPD4S009DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FEATURES
DBVORDCKPACKAGE
(TOP VIEW)
D1+
1
6
D1–
GND
2
5
V
CC
D2+
3
4
D2–
DRY PACKAGE
(TOP VIEW)
1
6
2
5
D1+
GND
D2+
3
4
D1–
V
CC
D2–
DESCRIPTION/ORDERING INFORMATION
TPD4S009
www.ti.com ........................................................................................................................................................................................................ SLVS817 – MAY 2008
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
2
• Supports High-Speed Differential Data Rates
(3-dB Bandwidth > 4 GHz)
• 0.05-pF Matching Capacitance Between
Differential Signal Pairs
• Low 0.8-pF Line Capacitance for Each Data
Line to GND
• Flow-Through Single-in-Line Pin Mapping for
High-Speed Lines Ensures No Additional
Board Layout Burden While Placing ESD
Protection Chip Near Connector
• IEC 61000-4-2 (Level 4) System-Level ESD
Compliance
• 2.5-A Peak Pulse Current (8/20-µs Pulse)
• I
off Feature
• Industrial Temperature Range:
–40
°C to 85°C
• Space-Saving Package Options
The TPD4S009 provides an electrostatic discharge (ESD) solution for high-speed differential lines. This device
offers four ESD clamp circuits for dual differential lines. The monolithic silicon technology allows matching
between the differential signal pairs. The excellent matching between the differential pair signal lines (0.05-pF
line-line) enables this device to operate at high-speed differential data rates (3-dB bandwidth > 4 GHz). The
TPD4S009 is suitable for high-speed differential applications, such as high-definition multimedia interface
(HDMI), low-voltage differential signaling (LVDS), serial advanced technology attachment (SATA), Ethernet, 1394
(FireWire®), etc.
The TPD4S009 complies with IEC 61000-4-2 (Level 4) ESD. This device is offered in space-saving DBV, DCK,
and DRY packages.
The TPD4S009 is characterized for operation over the ambient air temperature range of –40
°C to 85°C.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SON – DRY
Reel of 5000
TPD4S009DRYR
3H
–40
°C to 85°C
SOT (SOT-23) – DBV
Reel of 3000
TPD4S009DBVR
NFJK
SOT (SC-70) – DCK
Reel of 3000
TPD4S009DCKR
PREVIEW
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FireWire is a registered trademark of Apple Inc.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2008, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPD4S009DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009DBVR TI-TPD4S009DBVR Datasheet
706Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009DBVR TI-TPD4S009DBVR Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009DBVR TI-TPD4S009DBVR Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009DBVRG4 TI-TPD4S009DBVRG4 Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009DBVRG4 TI-TPD4S009DBVRG4 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
More results

Similar Description - TPD4S009DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009_1 Datasheet
706Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009 Datasheet
929Kb / 13P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_10 Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD2E009 TI1-TPD2E009_14 Datasheet
1Mb / 18P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD4S009 TI1-TPD4S009_14 Datasheet
1Mb / 20P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
TVS4S009 UTC-TVS4S009 Datasheet
142Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com