Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1884A Datasheet(PDF) 13 Page - Analog Devices

Part # AD1884A
Description  High Definition Audio SoundMAX Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1884A Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1884A Datasheet HTML 9Page - Analog Devices AD1884A Datasheet HTML 10Page - Analog Devices AD1884A Datasheet HTML 11Page - Analog Devices AD1884A Datasheet HTML 12Page - Analog Devices AD1884A Datasheet HTML 13Page - Analog Devices AD1884A Datasheet HTML 14Page - Analog Devices AD1884A Datasheet HTML 15Page - Analog Devices AD1884A Datasheet HTML 16Page - Analog Devices AD1884A Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD1884A
Rev. 0
|
Page 13 of 20
|
March 2008
HD AUDIO PARAMETERS
Table 6. Root and Function Node Parameters
Node ID
Name
Vendor ID
00
Revision ID
01
1
1 Subject to change with silicon stepping.
Sub Node Count
04
Func. Group Type
05
Audio F.G. Caps
08
GPIO Caps
11
0x00
ROOT
0x11D4 184A
0x0010 0100
0x0001 0001
0x01
FUNCTION
0x0002 0029
0x0000 0001
0x0001 0C0C
0x4000 0003
Table 7. Subsystem ID
Node ID
Name
Type
Value
31:16
SSID
15:8
SKU
7:0
ASM ID
0x01
FUNCTION
Function
0xBFD4 0000
0xBFD4
0x00
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com