Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1884A Datasheet(PDF) 1 Page - Analog Devices

Part # AD1884A
Description  High Definition Audio SoundMAX Codec
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1884A Datasheet(HTML) 1 Page - Analog Devices

  AD1884A Datasheet HTML 1Page - Analog Devices AD1884A Datasheet HTML 2Page - Analog Devices AD1884A Datasheet HTML 3Page - Analog Devices AD1884A Datasheet HTML 4Page - Analog Devices AD1884A Datasheet HTML 5Page - Analog Devices AD1884A Datasheet HTML 6Page - Analog Devices AD1884A Datasheet HTML 7Page - Analog Devices AD1884A Datasheet HTML 8Page - Analog Devices AD1884A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Definition Audio
SoundMAX Codec
AD1884A
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O.Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Microsoft Vista Premium Logo for notebook
90+ dB audio outputs, 85 dB audio inputs
WLP 3.0 and 4.0
2 stereo headphone amplifiers
Internal 32-bit arithmetic for greater accuracy
Impedance and presence detection on all jacks
Full analog mixer with DAC inputs
3 independent microphone bias pins
Digital and analog PCBeep
3 general-purpose digital I/O (GPIO) pins
3.3 V analog supply voltage
1.7 V to 1.9 V or 3.3 V digital supply voltages
1.5 V or 3.3 V HD Audio link signaling voltage
Advanced power management modes
48-lead, RoHS compliant LFCSP_VQ package
S/PDIF OUTPUT
Supports 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and
192 kHz sample rates
16-, 20-, and 24-bit data; PCM and AC3 formats
Digital PCM gain control
192 kHz DACs/ADCs
2 independent stereo DAC/ADC pairs
Simultaneous record of 2 stereo channels
Simultaneous playback of 2 stereo channels
Independent 8 kHz, 11.025 kHz, 16 kHz, 22.05 kHz, 32 kHz,
44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz
sample rates
16-, 20-, and 24-bit resolution
Selectable stereo mixer on outputs
AUXILIARY PINS
Stereo CD/auxiliary I/O port with ground sense
Stereo auxiliary/dock I/O port
Mono out pin for internal speakers or telephony
Figure 1. Functional Block Diagram
ADC0
ADC1
DAC1
DAC0
DIGITAL
PCBEEP
HP
HP
PORT A
PORT D
PORT E
PORT F
MONO OUT
PORT B
PORT C
PC BEEP
H
D
A
U
D
I
O
I
N
T
E
R
F
A
C
E
AD1884A
S/PDIF OUT


Similar Part No. - AD1884A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1884 AD-AD1884 Datasheet
1Mb / 16P
High Definition Audio SoundMAX Codec
Jan-2007
AD1884JCPZ AD-AD1884JCPZ Datasheet
1Mb / 16P
High Definition Audio SoundMAX Codec
Jan-2007
AD1884JCPZ-RL AD-AD1884JCPZ-RL Datasheet
1Mb / 16P
High Definition Audio SoundMAX Codec
Jan-2007
AD1884 AD-AD1884_15 Datasheet
1Mb / 16P
High Defintion Audio SoundMAX Codec
REV. 0
More results

Similar Description - AD1884A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1984 AD-AD1984 Datasheet
1Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
High Definition Audio SoundMAX Codec
Jan-2007
AD1882 AD-AD1882 Datasheet
843Kb / 16P
High Definition Audio SoundMAX Codec
REV. 0
AD1984B AD-AD1984B Datasheet
302Kb / 20P
High Definition Audio SoundMAX Codec
Feb-2008
AD1984A AD-AD1984A Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
High Definition Audio SoundMAX Codec
REV. A
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
High Definition Audio SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com