Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7262 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7262
Description  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7262 Datasheet(HTML) 4 Page - Analog Devices

  AD7262 Datasheet HTML 1Page - Analog Devices AD7262 Datasheet HTML 2Page - Analog Devices AD7262 Datasheet HTML 3Page - Analog Devices AD7262 Datasheet HTML 4Page - Analog Devices AD7262 Datasheet HTML 5Page - Analog Devices AD7262 Datasheet HTML 6Page - Analog Devices AD7262 Datasheet HTML 7Page - Analog Devices AD7262 Datasheet HTML 8Page - Analog Devices AD7262 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7262
Rev. 0 | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage, VINH
0.7 × VDRIVE
V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
±1
μA
VIN = 0 V or VDRIVE
Input Capacitance, CIN3
4
pF
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.2
V
Output Low Voltage, VOL
0.4
V
Floating State Leakage Current
±1
μA
Floating State Output Capacitance3
5
pF
Output Coding
Twos complement
CONVERSION RATE
Conversion Time
19 × tSCLK
ns
Track-and-Hold Acquisition Time
400
ns
Throughput Rate
1
MSPS
AD7262
500
kSPS
AD7262-5
COMPARATORS
Input Offset
Comparator A and Comparator B
±2
±4
mV
TA = 25°C to 105°C only
Comparator C and Comparator D
±2
±4
mV
Offset Voltage Drift
0.5
μV/°C
All comparators
Input Common-Mode Range3
0 to 4
V
CA_CBVCC = 5 V
0 to 1.7
V
CA_CBVCC = 2.7 V
Input Capacitance3
4
pF
Input Impedance3
1
GΩ
IDD Normal Mode (Static)6
25 pF load, COUTx = 0 V, VCM = AVCC/2,
VOVERDRIVE = 200 mV differential
Comparator A and Comparator B
3
μA
CA_CBVCC = 3.3 V
6
8.5
μA
CA_CBVCC = 5.25 V
Comparator C and Comparator D
60
μA
CC_CDVCC = 3.3 V
120
170
μA
CC_CDVCC = 5.25 V
Propagation Delay Time
VCM = AVCC/2, VOVERDRIVE = 200 mV
differential
High to Low, tPHL
Comparator A and Comparator B
1.4
3.5
μs
CA_CBVCC = 2.7 V
0.95
μs
CA_CBVCC = 5 V
Comparator C and Comparator D
0.20
0.32
μs
CC_CDVCC = 2.7 V
0.13
μs
CC_CDVCC = 5 V
Low to High, tPLH
Comparator A and Comparator B
2
4
μs
CA_CBVCC = 2.7 V
0.93
μs
CA_CBVCC = 5 V
Comparator C and Comparator D
0.18
0.28
μs
CC_CDVCC = 2.7 V
0.12
μs
CC_CDVCC = 5 V
Delay Matching
VCM = AVCC 2, VOVERDRIVE = 200 mV
differential
Comparator A and Comparator B
±250
ns
Comparator C and Comparator D
±10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com