Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7262 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7262
Description  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7262 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7262 Datasheet HTML 8Page - Analog Devices AD7262 Datasheet HTML 9Page - Analog Devices AD7262 Datasheet HTML 10Page - Analog Devices AD7262 Datasheet HTML 11Page - Analog Devices AD7262 Datasheet HTML 12Page - Analog Devices AD7262 Datasheet HTML 13Page - Analog Devices AD7262 Datasheet HTML 14Page - Analog Devices AD7262 Datasheet HTML 15Page - Analog Devices AD7262 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD7262
Rev. 0 | Page 12 of 32
–90
–88
–86
–84
–82
–78
–76
–74
–72
–80
–70
1
2
3
4
6
8
12 16 24 32 48 64 96 128
GAIN
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
INTERNAL REFERENCE
fRIPPLE = 50kHz
Figure 17. Common-Mode Rejection vs. Gain
–80
–79
–78
–77
–76
–75
–74
–73
–72
–71
–70
0
20
40
60
80
100
120
140
160
180
200
RIPPLE FREQUENCY (kHz)
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
VRIPPLE = 700mV p-p
GAIN = 2
INTERNAL REFERENCE
Figure 18. Common-Mode Rejection vs. Common-Mode Ripple Frequency
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5 3.7
VCM RANGE (V)
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
INTERNAL REFERENCE
fIN = 100kHz
GAIN 1
GAIN 2
GAIN 3
GAIN 4
GAIN 12
GAIN 24
GAIN 6
GAIN ≥ 32
GAIN 8
GAIN 16
Figure 19. THD vs. Common-Mode Range for Various PGA Gain Settings
OVERDRIVE VOLTAGE (mV)
0
1
2
3
4
5
6
7
8
9
10
0
10
203040
5060
7080
90
100
L TO H, CA_CBVCC = 4.5V
L TO H, CA_CBVCC = 5V
H TO L, CA_CBVCC = 3.6V
H TO L, CA_CBVCC = 4.5V
H TO L, CA_CBVCC = 5V
H TO L, CA_CBVCC = 2.7V
L TO H, CA_CBVCC = 3.6V
L TO H, CA_CBVCC = 2.7V
AVCC = 5V
VDRIVE = 3.3V
TA = 25°C
Figure 20. Propagation Delay for Comparator A and Comparator B vs.
Overdrive Voltage for Various Supply Voltages
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OVERDRIVE VOLTAGE (mV)
0
10203040506070
8090
100
H TO L, CC_CDVCC = 4.5V
H TO L, CC_CDVCC = 5V
L TO H, CC_CDVCC = 3.6V
L TO H, CC_CDVCC = 4.5V
L TO H, CC_CDVCC = 5V
L TO H, CC_CDVCC = 2.7V
H TO L, CC_CDVCC = 3.6V
H TO L, CC_CDVCC = 2.7V
AVCC = 5V
VDRIVE = 3.3V
TA = 25°C
Figure 21. Propagation Delay for Comparator C and Comparator D vs.
Overdrive Voltage for Various Supply Voltages
SUPPLY RIPPLE FREQUENCY (kHz)
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
0
200
400
600
800
1000
–70
VDRIVE = 5V
GAIN = 2
TA = 25°C
INTERNAL REFERENCE
100mV p-p SINE WAVE ON AVCC
AVCC DECOUPLED WITH
10µF AND 100nF CAPACITORS
Figure 22. Power Supply Rejection Ratio vs. Supply Ripple Frequency?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com