Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8228ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8228ARZ-R7
Description  Low Gain Drift Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8228ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8228ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Gain Drift
Precision Instrumentation Amplifier
AD8228
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Easy to use
Pin strappable gains of 10 and 100
Wide power supply range: ±2.3 V to ±18 V
DC specifications (B Grade, G = 10)
2 ppm/°C gain drift
0.02% gain error
50 μV maximum input offset voltage
0.8 μV/°C maximum input offset drift
0.6 nA maximum input bias current
100 dB CMRR
AC specifications
650 kHz, –3 dB bandwidth (G = 10)
2 V/μs slew rate
Low noise
8 nV/√Hz, @ 1 kHz (G = 100)
0.3 μV p-p from 0.1 Hz to 10 Hz (G = 100)
APPLICATIONS
Weigh scales
Industrial process controls
Bridge amplifiers
Precision data acquisition systems
Medical instrumentation
Strain gages
Transducer interfaces
GENERAL DESCRIPTION
The AD8228 is a high performance instrumentation amplifier
with very high gain accuracy. Because all gain setting resistors
are internal and laser trimmed, gain accuracy and gain drift
are better than can be achieved with typical instrumentation
amplifiers.
Low voltage offset, low offset drift, low gain drift, high gain
accuracy, and high CMRR make this part an excellent choice
in applications that demand the best dc performance possible,
such as bridge signal conditioning.
CONNECTION DIAGRAM
8
7
6
5
1
2
3
4
–IN
G1
G2
+VS
VOUT
REF
–VS
+IN
TOP VIEW
(Not to Scale)
AD8228
Figure 1.
Table 1. Instrumentation Amplifiers by Category
General
Purpose
Zero
Drift
Military
Grade
Low
Power
High Speed
PGA
AD82201
AD82311
AD620
AD6271
AD8250
AD8221
AD85531
AD621
AD6231
AD8251
AD8222
AD85551
AD524
AD8253
AD82241
AD85561
AD526
AD8228
AD85571
AD624
1 Rail-to-rail output.
The AD8228 operates on both single and dual supplies. Because
the part can operate on supplies up to ±18 V, it is well suited for
applications where high common-mode input voltages are
encountered. The AD8228 is available in 8-lead MSOP and
SOIC packages.
Performance is specified over the entire industrial temperature
range of −40°C to +85°C for all grades. Furthermore, the AD8228
is operational from −40°C to +125°C. For a pin-compatible ampli-
fier with similar specifications, but with a gain range of 1 to 1000,
see the AD8221.


Similar Part No. - AD8228ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8228ARZ-R71 AD-AD8228ARZ-R71 Datasheet
550Kb / 25P
Low Gain Drift Precision Instrumentation Amplifier
Rev. 0
More results

Similar Description - AD8228ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Burr-Brown (TI)
3626 BURR-BROWN-3626 Datasheet
295Kb / 4P
Low Drift INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LTC1100 LINER-LTC1100_03 Datasheet
135Kb / 8P
Precision, Zero-Drift Instrumentation Amplifier
logo
Analog Devices
AD8428 AD-AD8428 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD621ANZ AD-AD621ANZ Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
Texas Instruments
PGA281 TI-PGA281 Datasheet
2Mb / 32P
Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
logo
Analog Devices
AD621 AD-AD621_15 Datasheet
520Kb / 16P
Low Drift, Low Power Instrumentation Amplifier
REV. B
logo
Linear Technology
LTC1100 LINER-LTC1100_15 Datasheet
145Kb / 8P
Precision, Zero-Drift Instrumentation Amplifier
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
Low Gain Drift Precision Instrumentation Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com