Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8228ARZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8228ARZ-R7
Description  Low Gain Drift Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8228ARZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8228ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8228ARZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8228
Rev. 0 | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, VS = ±15 V, RL = 10 kΩ, unless otherwise noted.
70
60
50
40
30
20
10
0
–100
–50
0
50
100
G10 SYSTEM VOS RTI @ 15V (µV)
MEAN: –5.5
SD: 12.4
Figure 3. Typical Distribution of Input Offset Voltage (G = 10)
60
50
40
30
20
10
0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
G10 SYSTEM VOS DRIFT RTI (µV)
MEAN: –0.079
SD: 0.27
Figure 4. Typical Distribution of Input Offset Voltage Drift (G = 10)
80
60
40
20
0
–100
–50
0
50
100
G100 SYSTEM VOS RTI @ 15V (µV)
MEAN: 7.1
SD: 10.1
Figure 5. Typical Distribution of Input Offset Voltage (G = 100)
100
80
60
40
20
0
–1.0
–0.5
0
0.5
1.0
1.5
G100 SYSTEM VOS DRIFT RTI (µV)
MEAN: 0.20
SD: 0.12
Figure 6. Typical Distribution of Input Offset Voltage Drift (G = 100)
100
80
60
40
20
0
–3
–2
–1
0
1
2
3
CMRR G100 RTI (µV/V)
MEAN: 0.29
SD: 0.27
Figure 7. Typical Distribution for CMR (G = 100)
100
120
80
60
40
20
0
1.5
–0.5
0
0.5
1.0
NEG IBIAS CURRENTS ±15V (nA)
MEAN: 0.42
SD: 0.08
Figure 8. Typical Distribution of Input Bias Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com