Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321ARKZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5321ARKZ-R7
Description  2.3 GHz to 4.0 GHz RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321ARKZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5321ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADL5321
Rev. 0 | Page 12 of 16
Table 7. Load Conditions for GainMAX
Frequency (MHz)
ΓLoad
(Magnitude)
ΓLoad (°)
Gain MAX (dB)
2600
0.6100
136.24
15.02
3500
0.7686
162.58
14.02
3600
0.7057
161.81
13.44
Table 8. Load Conditions for OIP3MAX
Frequency (MHz)
ΓLoad
(Magnitude)
ΓLoad (°)
IP3 MAX (dBm)
2600
0.4705
86.63
41.7
3500
0.6911
142.11
41.37
3600
0.7070
140.65
41.29
WiMAX OPERATION
Figure 25 shows a plot of adjacent channel leakage ratio (ACLR)
vs. POUT for the ADL5321. The signal type used is a WiMAX,
64 QAM, single carrier with a 10 MHz channel bandwidth. This
signal is generated by a WiMAX-enabled source and followed
with suitable band-pass filtering. The band-pass filter helps reduce
the adjacent and alternate channel noise and distortion out of
the signal generator down to −63 dB in the adjacent channels
and −76 dB in the alternate channels at 2.6 GHz and −60 dB
at 3.5 GHz.
Below an output power of 7 dBm, measured ADL5321 output
spectral performance is limited by the signal quality from the
signal source used (−63 dB at 2.6 GHz and −60 dB at 3.5 GHz).
At high power operation, input power to the ADL5321 is 1 dBm
for 15 dBm output power and the source ACLR is −60.2 dB. It is
expected that with a better signal source, the ADL5321 output
spectral quality improves further, especially at output power
levels ≤10 dBm. For instance, the ADL5373 quadrature modulator
measured ACLR is −69 dB for an output power of −10 dBm.
For output powers up to 10 dBm rms, the ADL5321 adds very
little distortion to the output spectrum. At 2.6 GHz, the ACLR is
−59 dB and a relative constellation error of −46.6 dB (<0.5% EVM)
at an output power of 10 dBm rms.
–30
–40
–50
–60
–70
–80
–90
–10
–5
0
5
10
15
20
POUT (dBm)
ADJ CH LOW 2.6 GHZ
ALT CH LOW 2.6 GHZ
ADJ CH LOW 3.5 GHZ
ALT CH UP 3.5 GHZ
Figure 25. ACLR vs. POUT, WiMAX 64 QAM, 10 MHz Bandwidth, Single Carrier
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–20
–15
–10
–5
0
5
10
15
20
POUT (dBm)
2.6 GHz
3.5 GHz
Figure 26. RCE/EVM vs. POUT, WiMAX 64 QAM, 10 MHz Bandwidth, Single Carrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com