Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321ARKZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5321ARKZ-R7
Description  2.3 GHz to 4.0 GHz RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321ARKZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5321ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2.3 GHz to 4.0 GHz
RF Driver Amplifier
ADL5321
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062−9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Operation: 2.3 GHz to 4.0 GHz
Gain of 14 dB at 2.6 GHz
OIP3 of 41 dBm at 2.6 GHz
P1dB of 25.7 dBm at 2.6 GHz
Noise figure: 4.0 dB at 2.6 GHz
Power supply: 5 V
Power supply current: 90 mA typical
Internal active biasing
Thermally efficient SOT-89 package
ESD rating of ±2 kV (Class 3A)
FUNCTIONAL BLOCK DIAGRAM
RFIN
GND RFOUT
1
2
BIAS
3
GND
ADL5321
(2)
Figure 1.
GENERAL DESCRIPTION
The ADL5321 is a broadband, linear driver RF amplifier that
operates at frequencies from 2.3 GHz to 4.0 GHz. The device
can be used in a wide variety of wired and wireless applications,
including ISM, WLL, PCS, GSM, CDMA, and W-CDMA.
The ADL5321 operates with a 5 V supply voltage and a supply
current of 90 mA.
The ADL5321 is fabricated on the GaAs HBT process. The
device is packaged in a low cost SOT-89 that uses an exposed
paddle for excellent thermal impedance. It operates from −40°C
to +85°C, and a fully populated evaluation board is available.
The ADL5320 is a companion part to the ADL5321 that operates at
similar performance from 400 MHz to 2700 MHz.


Similar Part No. - ADL5321ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5321ARKZ-R7 AD-ADL5321ARKZ-R7 Datasheet
196Kb / 9P
2.3 GHz to 4.0 GHz RF Driver Amplifier
Jan-2008
ADL5321ARKZ-R7 AD-ADL5321ARKZ-R7 Datasheet
570Kb / 16P
2.3 GHz to 4.0 GHz 쩌 Watt RF Driver Amplifier
REV. C
ADL5321ARKZ-R7 AD-ADL5321ARKZ-R7 Datasheet
427Kb / 16P
RF Driver Amplifier
3/14-Rev. C to Rev. D
More results

Similar Description - ADL5321ARKZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5570 AD-ADL5570 Datasheet
271Kb / 10P
2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Mar-2007
ADL5321 AD-ADL5321 Datasheet
196Kb / 9P
2.3 GHz to 4.0 GHz RF Driver Amplifier
Jan-2008
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
2.3-2.9 GHz WiMAX 2W Driver Amplifier
logo
Hittite Microwave Corpo...
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
logo
Analog Devices
ADL5321ARKZ AD-ADL5321ARKZ Datasheet
570Kb / 16P
2.3 GHz to 4.0 GHz 쩌 Watt RF Driver Amplifier
REV. C
logo
TriQuint Semiconductor
TGA2731-SM TRIQUINT-TGA2731-SM_15 Datasheet
2Mb / 15P
2.7 to 4.0 GHz Driver Amplifier
logo
Texas Instruments
LMH9226 TI1-LMH9226 Datasheet
1Mb / 22P
LMH9226 Single-Ended to Differential 2.3-GHz to 2.9-GHz RF Amplifier With Balun
logo
Qorvo, Inc
QPA9122 QORVO-QPA9122 Datasheet
990Kb / 12P
2.3 ??5.0 GHz 0.5 W Driver Amplifier
May 14, 2020
logo
NXP Semiconductors
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com