Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321 Datasheet (PDF) - Analog Devices

ADL5321 Datasheet PDF - Analog Devices
Part # ADL5321
Download  ADL5321 Download
File Size   196.35 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.3 GHz to 4.0 GHz RF Driver Amplifier

ADL5321 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5321 Datasheet PDF - Analog Devices

Part # ADL5321
Download  ADL5321 Click to download

File Size   196.35 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.3 GHz to 4.0 GHz RF Driver Amplifier

ADL5321 Datasheet (HTML) - Analog Devices


ADL5321 Product details

GENERAL DESCRIPTION
The ADL5321 incorporates a dynamically adjustable biasing circuit that allows for the customization of OIP3 and P1dB performance from 3.3 V to 5 V without the need for an external bias resistor. This feature gives the designer the ability to tailor driver amplifier performance to the specific needs of the design. This feature also creates the opportunity for dynamic biasing of the driver amplifier, where a variable supply is used to allow for full 5 V biasing under large signal conditions and then can reduce the supply voltage when signal levels are smaller and lower power consumption is desirable. This scalability reduces the need to evaluate and inventory multiple driver amplifiers for different output power requirements from 22 dBm to 26 dBm output power levels.

FEATURES
   Operation: 2.3 GHz to 4.0 GHz
   Gain of 14.0 dB at 2.6 GHz
   OIP3 of 41.0 dBm at 2.6 GHz
   P1dB of 25.7 dBm at 2.6 GHz
   Noise figure: 4.0 dB at 2.6 GHz
   Power supply voltage: 3.3 V to 5 V
   Power supply current: 37 mA to 90 mA
   Dynamically adjustable bias
   No bias resistor required
   Thermally efficient, MSL-1 rated SOT-89 package
   Operating temperature range: −40°C to +105°C
   ESD rating of ±2 kV (Class 3A)

APPLICATIONS
   Wireless infrastructure
   Automated test equipment
   ISM/AMR applications




Similar Part No. - ADL5321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5321 AD-ADL5321 Datasheet
445Kb / 16P
2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
ADL5321 AD-ADL5321 Datasheet
427Kb / 16P
RF Driver Amplifier
3/14-Rev. C to Rev. D
ADL5321-EVALZ AD-ADL5321-EVALZ Datasheet
445Kb / 16P
2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
ADL5321-EVALZ AD-ADL5321-EVALZ Datasheet
570Kb / 16P
2.3 GHz to 4.0 GHz 쩌 Watt RF Driver Amplifier
REV. C
ADL5321-EVALZ AD-ADL5321-EVALZ Datasheet
427Kb / 16P
RF Driver Amplifier
3/14-Rev. C to Rev. D
More results


Similar Description - ADL5321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5570 AD-ADL5570 Datasheet
271Kb / 10P
2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Mar-2007
ADL5321 AD-ADL5321_1 Datasheet
445Kb / 16P
2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
2.3-2.9 GHz WiMAX 2W Driver Amplifier
logo
Hittite Microwave Corpo...
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
logo
Analog Devices
ADL5321ARKZ AD-ADL5321ARKZ Datasheet
570Kb / 16P
2.3 GHz to 4.0 GHz 쩌 Watt RF Driver Amplifier
REV. C
logo
TriQuint Semiconductor
TGA2731-SM TRIQUINT-TGA2731-SM_15 Datasheet
2Mb / 15P
2.7 to 4.0 GHz Driver Amplifier
logo
Texas Instruments
LMH9226 TI1-LMH9226 Datasheet
1Mb / 22P
LMH9226 Single-Ended to Differential 2.3-GHz to 2.9-GHz RF Amplifier With Balun
logo
Qorvo, Inc
QPA9122 QORVO-QPA9122 Datasheet
990Kb / 12P
2.3 ??5.0 GHz 0.5 W Driver Amplifier
May 14, 2020
logo
NXP Semiconductors
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com