Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5321
Description  2.3 GHz to 4.0 GHz RF Driver Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321 Datasheet(HTML) 6 Page - Analog Devices

  ADL5321 Datasheet HTML 1Page - Analog Devices ADL5321 Datasheet HTML 2Page - Analog Devices ADL5321 Datasheet HTML 3Page - Analog Devices ADL5321 Datasheet HTML 4Page - Analog Devices ADL5321 Datasheet HTML 5Page - Analog Devices ADL5321 Datasheet HTML 6Page - Analog Devices ADL5321 Datasheet HTML 7Page - Analog Devices ADL5321 Datasheet HTML 8Page - Analog Devices ADL5321 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ADL5321
Preliminary Technical Data
Rev. PrB | Page 6 of 9
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
25
30
2500
2520
2540
2560
2580
2600
2620
2640
2660
2680
2700
Frequency (MHz)
Gain 25 Deg C
Gain -40 Deg C
Gain 85 Deg C
P1dB 25 Deg C
P1dB -40 Deg C
P1dB 85 Deg C
Figure 3. Gain and P1dB vs. Frequency and Temperature 2500 MHz – 2700 MHz
0.0
5.0
10.0
15.0
20.0
25.0
30.0
3500
3550
3600
3650
3700
3750
3800
3850
Freq (MHz)
Gain 25 Deg C
Gain -40 Deg C
Gain 85 Deg C
P1 dB 25 Deg C
P1 dB -40 Deg C
P1 dB 85 Deg C
Figure 4. Gain and P1dB vs. Frequency and Temperature 3500 MHz – 3850 MHz
Pout = 10 dBm
28
30
32
34
36
38
40
42
44
-6
-4
-2
0
2
4
6
8
1012
1416
1820
2224
2628
Pout (dBm)
2500 MHz
2550 MHz
2600 MHz
2650 MHz
2700 MHz
Figure 5. OIP3 vs. Pout and Frequency 2500 MHz – 2700 MHz
28
30
32
34
36
38
40
42
44
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
Pout (dBm)
SN2_3500MHz_5V
SN2_3600MHz_5V
SN2_3700MHz_5V
SN2_3800MHz_5V
SN2_3850MHz_5V
Figure 6. OIP3 vs. Pout and Frequency 3500 MHz – 3850 MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com