Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5321
Description  2.3 GHz to 4.0 GHz RF Driver Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321 Datasheet(HTML) 7 Page - Analog Devices

  ADL5321 Datasheet HTML 1Page - Analog Devices ADL5321 Datasheet HTML 2Page - Analog Devices ADL5321 Datasheet HTML 3Page - Analog Devices ADL5321 Datasheet HTML 4Page - Analog Devices ADL5321 Datasheet HTML 5Page - Analog Devices ADL5321 Datasheet HTML 6Page - Analog Devices ADL5321 Datasheet HTML 7Page - Analog Devices ADL5321 Datasheet HTML 8Page - Analog Devices ADL5321 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary Technical Data
ADL5321
Rev. PrB | Page 7 of 9
EVALUATION BOARD
The basic connections for operating the ADL5321 are shown in
Figure 8. The inputs and outputs should be ac coupled with
appropriately sized capacitors. DC bias is provided to the
amplifier via an inductor connected to the RF output pin. A bias
voltage of 5 V is recommended.
Figure 7. Evaluation Board Layout showing component placement 2500
MHz to 2700 MHz operation
1
2
(2)
3
ADL5321
C1
1.0 pF
C2
10 pF
C3
1.2 pF
C6 10 uF
C5 10 nF
C4 10 pF
L1
9.5 nH
Vsup
Gnd
1
2
3
4
RFIN
RFOUT
R1
0 ohm
Figure 8. Basic Connections default condition is for 2500 MHz to 2700 MHz
Table 4. Matching Component Spacing 2500 MHz - 2700 MHz
λ 11
λ 2
λ 3
λ 4
240 mils
75 mils
89 mils
325 mils
1 50 ohm traces 25 mils wide substrate used is FR4.
Table 5. Evaluation Board Configuration Options 2500 MHz - 2700 MHz
Component
Function
Default Value
R1
jumper
0402 0 ohm
C1
Tuning capacitor
0402 1.0 pF
C2
AC - coupling capacitor
0402 10 pF
C3
Tuning capacitors
C3 0402 1.2 pF
C4, C5, C6
Power supply bypassing capacitors
C4 0603 10 pF
C5 0603 10 nF
C6 1206 10μF
L1
DC bias inductor
0603 9.5 nH
Vsup, Gnd
Power supply connections
Vsup red testloop
Gnd Black testloop



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com