Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5321
Description  2.3 GHz to 4.0 GHz RF Driver Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321 Datasheet(HTML) 1 Page - Analog Devices

  ADL5321 Datasheet HTML 1Page - Analog Devices ADL5321 Datasheet HTML 2Page - Analog Devices ADL5321 Datasheet HTML 3Page - Analog Devices ADL5321 Datasheet HTML 4Page - Analog Devices ADL5321 Datasheet HTML 5Page - Analog Devices ADL5321 Datasheet HTML 6Page - Analog Devices ADL5321 Datasheet HTML 7Page - Analog Devices ADL5321 Datasheet HTML 8Page - Analog Devices ADL5321 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2.3 GHz to 4.0 GHz
RF Driver Amplifier
Preliminary Technical Data
ADL5321
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Operation from 2.3 GHz to 4.0 GHz
Gain of +14 dB at 2600 MHz
OIP3 of +40 dBm at 2600 MHz
P1dB of +25 dBm at 2600 MHz
Noise figure of 4 dB at 2600 MHz
Power supply of 5 V
Power supply current of 84 mA
Internal active biasing
Thermally efficient SOT−89 package
The ADL5320 is a 400 MHz to 2700 MHz driver
ESD rating of ±4 kV (Class 3A)
GENERAL DESCRIPTION
The ADL5321 is a broadband, linear driver RF amplifier that
operates at frequencies from 2.3 GHz to 4.0 GHz. The device
can be used in a wide variety of wired and wireless applications
including LTE
, WiMAX, WiBro, and WLL.
The ADL5321 operates with a 5V supply voltage, while only
consuming 84 mA of current.
The ADL5321 is fabricated on a GaAs HBT process. The device is
packaged in a low-cost SOT−89 that uses an exposed paddle for
excellent thermal impedance. It operates from −40°C to +85°C,
and a fully populated evaluation board is available.
The ADL5320 is a companion part that offers lower frequency
operation from 400 MHz to 2700 MHz.
FUNCTIONAL BLOCK DIAGRAM
1
2
(2)
3
Bias
RFin
GND
GND
RFout
ADL5321
Figure 1.


Similar Part No. - ADL5321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5321 AD-ADL5321 Datasheet
445Kb / 16P
2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
ADL5321 AD-ADL5321 Datasheet
427Kb / 16P
RF Driver Amplifier
3/14-Rev. C to Rev. D
ADL5321-EVALZ AD-ADL5321-EVALZ Datasheet
445Kb / 16P
2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
ADL5321-EVALZ AD-ADL5321-EVALZ Datasheet
570Kb / 16P
2.3 GHz to 4.0 GHz 쩌 Watt RF Driver Amplifier
REV. C
ADL5321-EVALZ AD-ADL5321-EVALZ Datasheet
427Kb / 16P
RF Driver Amplifier
3/14-Rev. C to Rev. D
More results

Similar Description - ADL5321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5570 AD-ADL5570 Datasheet
271Kb / 10P
2.3 GHz to 2.4 GHz WiMAX Power Amplifier
Mar-2007
ADL5321 AD-ADL5321_1 Datasheet
445Kb / 16P
2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
logo
TriQuint Semiconductor
AH314 TRIQUINT-AH314 Datasheet
321Kb / 6P
2.3-2.9 GHz WiMAX 2W Driver Amplifier
logo
Hittite Microwave Corpo...
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
logo
Analog Devices
ADL5321ARKZ AD-ADL5321ARKZ Datasheet
570Kb / 16P
2.3 GHz to 4.0 GHz 쩌 Watt RF Driver Amplifier
REV. C
logo
TriQuint Semiconductor
TGA2731-SM TRIQUINT-TGA2731-SM_15 Datasheet
2Mb / 15P
2.7 to 4.0 GHz Driver Amplifier
logo
Texas Instruments
LMH9226 TI1-LMH9226 Datasheet
1Mb / 22P
LMH9226 Single-Ended to Differential 2.3-GHz to 2.9-GHz RF Amplifier With Balun
logo
Qorvo, Inc
QPA9122 QORVO-QPA9122 Datasheet
990Kb / 12P
2.3 ??5.0 GHz 0.5 W Driver Amplifier
May 14, 2020
logo
NXP Semiconductors
BTS6303U NXP-BTS6303U Datasheet
846Kb / 16P
Wideband high linearity pre-driver amplifier 2.3 GHz - 4.2 GHz
Rev. 5 - 18 October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com