Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5569 Datasheet(PDF) 128 Page - Analog Devices

Part # ADE5569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5569 Datasheet(HTML) 128 Page - Analog Devices

Back Button ADE5569 Datasheet HTML 124Page - Analog Devices ADE5569 Datasheet HTML 125Page - Analog Devices ADE5569 Datasheet HTML 126Page - Analog Devices ADE5569 Datasheet HTML 127Page - Analog Devices ADE5569 Datasheet HTML 128Page - Analog Devices ADE5569 Datasheet HTML 129Page - Analog Devices ADE5569 Datasheet HTML 130Page - Analog Devices ADE5569 Datasheet HTML 131Page - Analog Devices ADE5569 Datasheet HTML 132Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 148 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Preliminary Technical Data
Rev. PrB | Page 128 of 148
UART2 SERIAL INTERFACE
The ADE5166/ADE5169/ADE5566/ADE5569 UART2 is an 8-
bit or 9-bit UART with variable baud rate
Variable baud rates are defined by using an internal timer to
generate any rate between 300 bauds/s and 115,200 bauds/s.
The UART2 serial interface provided in the ADE5166/ADE5169/
ADE5566/ADE5569 is a full-duplex serial interface. It is also
receive buffered, by storing the first received byte in a receive
buffer until the reception of the second byte is complete. The
physical interface to the UART is provided via the RxD2
(P0.7/SS/T1) and TxD2 (P2.3/SDEN) pins, whereas the firmware
interface is through the SFRs presented in Table 139.
Both the serial port receive and transmit registers are accessed
through the SBUF2 SFR (0xEB). Writing to SBUF2 loads the
transmit register, and reading SBUF2 accesses a physically
separate receive register.
An enhanced UART mode is offered by using the UART timer
and providing enhanced frame error, break error, and overwrite
error detection. The SBAUD2 SFR is used to configure the
UART2 timer and to indicate the enhanced UART2 errors.
UART SFR REGISTER LIST
Table 139. Serial Port 2 SFRs
SFR
Address
Bit Addressable
Description
SCON2
0xE1
No
Serial communications control (see Table 140)
SBUF2
0xEB
No
Serial Port 2 buffer (see Table 141)
SBAUD2
0xEE
No
Enhance serial baud rate control (see Table 142)
Table 140. Serial Communications Control SFR (SCON2, 0xE1)
Bit
Mnemonic
Default
Description
7
N/A
N/A
Reserved
6
EN-T8
0
9-bit UART, variable baud rate enable bit. When set, the UART2 is in 9-bit mode.
5
OWE2
0
Overwrite error. This bit is set when new data is received and RI = 1. It indicates that SBUF2 was not
read before the next character was transferred in, causing the prior SBUF2 data to be lost. Write a
zero to this bit to clear it.
4
FE2
0
Frame error. This bit is set when the received frame does not have a valid stop bit. This bit is read
only and updated every time a frame is received.
3
BE2
0
Break error. This bit is set whenever the receive data line (Rx2) is low for longer than a full transmission
frame, the time required for a start bit, eight data bits, a parity bit, and half a stop bit. This bit is
updated every time a frame is received.
2
REN2
0
Serial Port 2 receive enable bit. Set by user software to enable serial port reception. Cleared by
user software to disable serial port reception.
1
TI2
0
Serial Port 2 transmit interrupt flag. Set by hardware at the end of the eighth bit, TI2 must be
cleared by user software.
0
RI2
0
Serial Port 2 receive interrupt flag. Set by hardware at the end of the eighth bit, RI2 must be
cleared by user software.
Table 141. Serial port 2 Buffer SFR (SBUF2, 0xEB)
Bit
Mnemonic
Default
Description
7 to 0
SBUF2
0
Serial Port 2 data buffer.
Table 142. Enhanced Serial baud rate control 2 SFR (SBAUD2, 0xEE)
Bit
Mnemonic
Default
Description
7
TB8
0
Serial port transmit (Bit 9). The data loaded into TB8 is the ninth data bit transmitted in
9-bit mode.
6
RB8
0
Serial port receiver (Bit 9). The ninth data bit received in 9-bit mode is latched into RB8. For 8-bit
Mode, the stop bit is latched into RB8.
5
SBF2
Fractional divider boolean: When set, SBAUDF2 = 0x2B when clear, SBAUDF2 = 0x07.
4 to 3
SBTH2.1,
SBTH2.0
0
Extended divider ratio for baud rate setting as shown in Table 138.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com