Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5569 Datasheet(PDF) 130 Page - Analog Devices

Part # ADE5569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5569 Datasheet(HTML) 130 Page - Analog Devices

Back Button ADE5569 Datasheet HTML 126Page - Analog Devices ADE5569 Datasheet HTML 127Page - Analog Devices ADE5569 Datasheet HTML 128Page - Analog Devices ADE5569 Datasheet HTML 129Page - Analog Devices ADE5569 Datasheet HTML 130Page - Analog Devices ADE5569 Datasheet HTML 131Page - Analog Devices ADE5569 Datasheet HTML 132Page - Analog Devices ADE5569 Datasheet HTML 133Page - Analog Devices ADE5569 Datasheet HTML 134Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 148 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Preliminary Technical Data
Rev. PrB | Page 130 of 148
UART2 OPERATION MODE
The UART2 has two operation modes where each data byte
(LSB first) is preceded by a start bit (0), followed by a stop bit
(1). Therefore, each frame consists of 10 bits transmitted on
TxD2 or received on RxD2.
The baud rate is set by a dedicated timer for baud rate
generation, UART2 Timer, which has a fractional divisor to
precisely generate any baud rate.
Transmission is initiated by a write to SBUF2. Next, a stop bit
(1) is loaded into the 9th bit position of the transmit shift
register. The data is output bit-by-bit until the stop bit appears
on TxD2 and the transmit interrupt flag (TI2) is automatically
set as shown in Figure 88.
TxD2
TI2
(SCON2.1)
START
BIT
D0
D1
D2
D3
D4
D5
D6
D7
STOP BIT
SET INTERRUPT
(FOR EXAMPLE,
READY FOR MORE DATA)
Figure 88. 8-Bit Variable Baud Rate
Reception is initiated when a 1-to-0 transition is detected on
RxD2. Assuming that a valid start bit is detected, character
reception continues. The eight data bits are clocked into the
serial port shift register.
All of the following conditions must be met at the time the final
shift pulse is generated to receive a character:
•
If the extended UART is disabled (EXTEN = 0 in the CFG
SFR), RI must be 0 to receive a character. This ensures that
the data in the SBUF SFR is not overwritten if the last
received character has not been read.
•
If frame error checking is enabled by setting SM2, the
received stop bit must be set to receive a character. This
ensures that every character received comes from a valid
frame, with both a start bit and a stop bit.
If any of these conditions are not met, the received frame is
irretrievably lost, and the receive interrupt flag, RI2 is not set.
If the received frame has met the preceding conditions, the
following events occur:
•
The eight bits in the receive shift register are latched into
SBUF2.
•
The receiver interrupt flag (RI2) is set.
Transmission is initiated by any instruction that uses SBUF2 as
a destination register. Reception is initiated by the incoming
start bit if REN2 = 1.
9-Bit UART with Variable Baud Rate
9-bit mode is selected by setting EN-T8 in the serial communica-
tions control SFR (SCON, 0x98). In this mode, the UART2 serial
port operates in 9-bit mode with a variable baud rate. The baud
rate is set by a dedicated timer for baud rate generation, UART2
Timer, which has a fractional divisor to precisely generate any
baud rate (see the UART Timer Generated Baud Rates section).
The operation of the 9-bit UART2 is the same as for 9-bit mode
for the UART1.
In both modes, transmission is initiated by any instruction that
uses SBUF2 as a destination register. Reception is initiated in
8-bit mode when RI = 0 and REN = 1. Reception is initiated in
the 9-bit mode by the incoming start bit if REN = 1.
UART BAUD RATE GENERATION
The baud rate is determined by the overflow rate of the dedicated
baud rate generator, UART2 Timer, which has an integer and
fractional divisor.
UART Timer Generated Baud Rates
The enhanced Serial Baud Rate Control 2 SFR (SBAUD2, 0xEE)
is used to control UART2 Timer. SBAUD2 is the baud rate
control SFR; it sets up the integer divider (DIV) and the
extended divider (SBTH) for UART Timer.
The desired value to write to the DIV[2:0] and SBTH[1:0] bits
can be calculated using the following formula where fcore is
defined in POWCON SFR. Note that the DIV value must be
rounded down to the nearest integer.
DIV2 + SBTH2 =
()
2
log
16
log
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
Rate
Baud
f
core
SBAUDF2is the fractional divider ratio required to achieve the
required baud rate. The appropriate value for SBAUDF2 can be
calculated with the following formula:
SBAUDF2 =
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
×
×
×
+
1
2
16
64
2
2
Rate
Baud
f
SBTH
DIV
core
Note that the SBAUDF2 can only take two values, 0x87 or
0xAB, by clearing or setting the SBF2 bit, respectively, in the
SBAUD2 SFR. These values were chosen to provide an accurate
baud rate for 300, 2400, 4800, 9600, 19200, 38400, 57600, and
115,200 bps. Once DIV2 and SBAUDF2 are calculated, the
actual baud rate can be calculated with the following formula:
Actual Baud Rate =
⎟
⎠
⎞
⎜
⎝
⎛ +
⋅
×
+
64
2
1
2
16
2
2
SBAUDF
f
SBTH
DIV
core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com