Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8639ARMZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8639ARMZ-R2
Description  16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8639ARMZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8639ARMZ-R2 Datasheet HTML 12Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 13Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 14Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 15Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 16Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 17Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 18Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 19Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8638/AD8639
Rev. C | Page 17 of 20
PIN 1
INDICATOR
(R 0.2)
EXPOSED
PAD
BOTTOM VIEW
TOP VIEW
1
4
8
5
INDEX
AREA
3.00
BSC SQ
SEATING
PLANE
0.80
0.75
0.70
0.30
0.25
0.18
0.05 MAX
0.02 NOM
0.80 MAX
0.55 NOM
0.20 REF
0.50 BSC
COPLANARITY
0.08
2.48
2.38
2.23
1.74
1.64
1.49
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-229-WEED-4
Figure 58. 8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm Body, Very Very Thin, Dual Lead
(CP-8-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8638ARJZ-R21
−40°C to +125°C
5-Lead SOT-23
RJ-5
A1T
AD8638ARJZ-REEL1
−40°C to +125°C
5-Lead SOT-23
RJ-5
A1T
AD8638ARJZ-REEL71
−40°C to +125°C
5-Lead SOT-23
RJ-5
A1T
AD8638ARZ1
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8638ARZ-REEL1
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8638ARZ-REEL71
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8639ACPZ-R21
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-5
A1Y
AD8639ACPZ-REEL1
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-5
A1Y
AD8639ACPZ-REEL71
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-5
A1Y
AD8639ARZ1
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8639ARZ-REEL1
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8639ARZ-REEL71
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8639ARMZ-R21
−40°C to +125°C
8-Lead MSOP
RM-8
A1Y
AD8639ARMZ-REEL1
−40°C to +125°C
8-Lead MSOP
RM-8
A1Y
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com