Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8639ARMZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8639ARMZ-R2
Description  16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8639ARMZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  AD8639ARMZ-R2 Datasheet HTML 1Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 2Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8639ARMZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8638/AD8639
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Pin Configurations ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—5 V Operation................................ 3
 
Electrical Characteristics—16 V Operation ............................. 4
 
Absolute Maximum Ratings............................................................ 5
 
Thermal Resistance ...................................................................... 5
 
ESD Caution.................................................................................. 5
 
Typical Performance Characteristics ..............................................6
 
Theory of Operation ...................................................................... 14
 
1/f Noise....................................................................................... 14
 
Input Voltage Range................................................................... 14
 
Output Phase Reversal............................................................... 14
 
Overload Recovery Time .......................................................... 14
 
Infrared Sensors.......................................................................... 15
 
Precision Current Shunt Sensor ............................................... 15
 
Output Amplifier for High Precision DACs........................... 15
 
Outline Dimensions ....................................................................... 16
 
Ordering Guide .......................................................................... 17
 
REVISION HISTORY
5/08—Rev. B to Rev. C
Added LFCSP_WD Package .............................................Universal
Inserted Figure 4; Renumbered Sequentially................................ 1
Changes to Layout ............................................................................ 1
Changes to General Description .................................................... 1
Changes to Offset Voltage Drift for All Packages Except SOT-23
Parameter in Table 2......................................................................... 3
Changes to Table 5............................................................................ 5
Updated Outline Dimensions ....................................................... 16
Changes to Ordering Guide .......................................................... 17
4/08—Rev. A to Rev. B
Added AD8639 ...................................................................Universal
Added 8-lead MSOP Package ...........................................Universal
Changes to Features.......................................................................... 1
Changes to General Description .................................................... 1
Changes Table 2 ................................................................................ 3
Changes to Table 3............................................................................ 4
Changes to Table 4, Added Endnote 1 and Endnote 2 .................5
Changes to Figure 4 through Figure 9 ............................................6
Changes to Figure 11, Figure 12, Figure 14, and Figure 15..........7
Changes to Figure 16 through Figure 27........................................8
Changes to Figure 28 through Figure 33..................................... 10
Changes to Figure 34 through Figure 39..................................... 11
Changes to Figure 41 and Figure 44............................................. 12
Inserted Figure 46, Figure 47, Figure 49, and Figure 50;
Renumbered Sequentially ............................................................. 13
Changes to Figure 51, Figure 52, and Figure 53 ......................... 15
Updated Outline Dimensions....................................................... 16
Changes to Ordering Guide .......................................................... 17
11/07—Rev. 0 to Rev. A
Change to Large Signal Voltage Gain Specification......................4
11/07—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com